Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA103C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DA103C
Description  Transformers for Digital Audio Data Transmission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DA103C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DA103C Datasheet HTML 1Page - Murata Power Solutions Inc. DA103C Datasheet HTML 2Page - Murata Power Solutions Inc. DA103C Datasheet HTML 3Page - Murata Power Solutions Inc. DA103C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DA100 Series
Transformers for Digital Audio Data Transmission
KMP_DA100C_F01 Page 2 of 4
www.murata.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
6 Pin DIL
6 Pin SM
0.135±0.02
(3.44±0.50)
0.25
(6.35)
0.354
(9.0) Max.
0.375
(9.52) Max.
1
1
1
1
0.012 (0.30)
0.008 (0.20)
0.40
(10.16)
0.20
(5.08)
0.025 (0.63)
0.021 (0.53)
0.354
(9.0) Max.
0.375
(9.52) Max.
0.50
(12.70)
0.025 (0.63)
0.021 (0.53)
0.10
(2.54)
0.04
(0.90)
0.012 (0.30)
0.008 (0.20)
0.25
(6.35)
DA103MC
XYYWW
DA101C
XYYWW
1
3
6
4
1
3
6
4
2
5
Top View
Top View
SOLDERING INFORMATION1
Pin finish
Matte tin
Peak wave solder temperature
260˚C for 10 seconds
Wave solder
Wave solder profile not to exceed the
profile recommended in IEC 61760-1
Section 6.1.3.
Peak reflow temperature
220˚C2
1 For further information, please visit www.murata.com/en-global/products/power/rohs
2 For high temperature reflow parts see DA100J series datasheet.
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)
6 Pin DIL
6 Pin SM
Unless otherwise stated all dimensions in inches (mm)
±0.01 (0.25). All pins on a 0.1 (2.54) pitch and within
±0.01 (0.25) of true position.
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Package Weight 0.93g Typ.
TUBE OUTLINE DIMENSIONS
0.023±0.005
(0.60±0.15)
0.16 (4.00)
0.22 (5.50)
0.43
(10.95)
0.51
(12.95)
0.15
(3.80)
0.62 (15.70)
Unless otherwise stated all
dimensions in inches (mm)
±0.01 (0.25).
Tube length: 18.3±0.08
(465±2).
Tube material: Antistatic coated
clear pvc.
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com