Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78253/55MVC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 78253/55MVC
Description  MAX253 Compatible Converter Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78253/55MVC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  78253/55MVC Datasheet HTML 1Page - Murata Power Solutions Inc. 78253/55MVC Datasheet HTML 2Page - Murata Power Solutions Inc. 78253/55MVC Datasheet HTML 3Page - Murata Power Solutions Inc. 78253/55MVC Datasheet HTML 4Page - Murata Power Solutions Inc. 78253/55MVC Datasheet HTML 5Page - Murata Power Solutions Inc. 78253/55MVC Datasheet HTML 6Page - Murata Power Solutions Inc. 78253/55MVC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KMP_78253C_F01 Page 2 of 7
78253 Series
MAX253 Compatible Converter Transformers
www.murata.com
78253/35(M)VC CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
100kHz, 20mV
110
142
185
μH
Secondary Inductance, L
S
100kHz, 20mV
550
710
850
μH
Leakage Inductance, L
L
100kHz, 250mV
3.00
5.00
μH
Interwinding Capacitance, C
WW
100kHz, 250mV
4.20
8.00
pF
Primary D.C. Resistance, R
DC
>0.1VDC
0.30
0.50
Ω
Volt-time Product, Et
Pins 1/2 or 2/3
18
22
Vμs
78253/55(M)VC CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
100kHz, 20mV
190
240
310
μH
Secondary Inductance, L
S
100kHz, 20mV
350
444
540
μH
Leakage Inductance, L
L
100kHz, 250mV
5.20
8.00
μH
Interwinding Capacitance, C
WW
100kHz, 250mV
4.20
8.00
pF
Primary D.C. Resistance, R
DC
>0.1VDC
0.40
0.60
Ω
Volt-time Product, Et
Pins 1/2 or 2/3
25
28
Vμs
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-50°C to 125°C
Lead Temperature 1.5mm from case for 10 seconds
300°C
Peak current I
PK
400mA
Isolation voltage 78253/XX(M)C (flash tested for 1 second)
1500VDC
Isolation voltage 78253/XX(M)VC (flash tested for 1 second)
4000VDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com