Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAXXXJC-R Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DAXXXJC-R
Description  SM Transformers for Digital Audio Data Transmission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DAXXXJC-R Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DAXXXJC-R Datasheet HTML 1Page - Murata Power Solutions Inc. DAXXXJC-R Datasheet HTML 2Page - Murata Power Solutions Inc. DAXXXJC-R Datasheet HTML 3Page - Murata Power Solutions Inc. DAXXXJC-R Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DA100J Series
SM Transformers for Digital Audio Data Transmission
KMP_DA100JC_D01 Page 2 of 4
www.murata.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
1
1
0.354
(9.0) Max.
0.375
(9.52) Max.
0.50
(12.70)
0.025 (0.63)
0.021 (0.53)
0.10
(2.54)
0.04
(0.90)
0.012 (0.30)
0.008 (0.20)
0.25
(6.35)
DA103JC
XYYWW
1
3
6
4
2
5
Top View
SOLDERING INFORMATION1
Pin finish
Matte tin
Max. peak reflow temperature
245°C
Moisture sensitivity level2
1
Max. time above liquidous (217°C)
100s
1 For further information, please visit www.murata.com/en-global/products/power/rohs
2 Representative samples of the product were subjected to the conditioning described in IPC/
JEDEC J-STD-020D and passed electrical testing, package coplanarity and visual inspection
which revealed no external cracks or changes in package body flatness.
Unless otherwise stated all dimensions in inches (mm)
±0.01 (0.25). All pins on a 0.1 (2.54) pitch and within
±0.01 (0.25) of true position.
Unless otherwise stated all dimensions in inches (mm) ±0.01 (0.25).
All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Package Weight 0.93g Typ.
TUBE OUTLINE DIMENSIONS
0.023±0.005
(0.60±0.15)
0.16 (4.00)
0.22 (5.50)
0.43
(10.95)
0.51
(12.95)
0.15
(3.80)
0.62 (15.70)
Unless otherwise stated all
dimensions in inches (mm)
±0.01 (0.25).
Tube length: 18.3±0.08
(465±2).
Tube material: Antistatic coated
clear pvc.
0.10 (2.54)
0.10 (2.54)
Ø0.05 (1.20) +0.006 (0.15)
-0.000 (0.00)
0.45
(11.50)
0.10 (2.54)
0.04
(1.00)
0.06 (1.60)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com