Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5ABCG Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # CS5ABCG
Description  5A Unswitched Socket - Brushed Chrome with Grey Insert
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CS5ABCG Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  CS5ABCG Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
CS5ABCG
DESCRIPTION
5A Unswitched Socket - Brushed Chrome with Grey Insert
NET WEIGHT (KG)
0.115
FINISH
Brushed Chrome
INSERT COLOUR
Grey
DIMENSIONS (MM)
Height - 89
Width - 89
Projection - 10.5
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - Premium grade steel
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
5A
TERMINAL TYPE
Screw
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 546
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832996453
Date Created: 08/04/2024 05:39
www.mlaccessories.co.uk
CS5ABCG
5A Unswitched Socket - Brushed Chrome with Grey
Insert


Similar Part No. - CS5ABCG

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CS5ABC KNIGHTSBRIDGE-CS5ABC Datasheet
316Kb / 1P
5A Unswitched Socket - Brushed Chrome with Black Insert
08/04/2024
CS5ABCW KNIGHTSBRIDGE-CS5ABCW Datasheet
312Kb / 1P
5A Unswitched Socket - Brushed Chrome with White Insert
08/04/2024
More results

Similar Description - CS5ABCG

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
Molex Electronics Ltd.
84506-0003 MOLEX11-84506-0003 Datasheet
51Kb / 1P
XRC Sealed Receptacle with Socket Insert, Shell Size 24, 31 Circuits, with Collar
84510-0005 MOLEX11-84510-0005 Datasheet
45Kb / 1P
XRC Sealed Plug with Socket Insert, Shell Size 24, 31 Circuits, with Collar
0845100005 MOLEX1-0845100005 Datasheet
39Kb / 1P
XRC Sealed Plug with Socket Insert, Shell Size 24, 31 Circuits, with Collar
logo
Neutrik AG
NMJ2HC-S NEUTRIK-NMJ2HC-S Datasheet
185Kb / 3P
1/4" mono jack, unswitched, with chrome ferrule and standard solder lugs, mounting nut included
logo
HARTING Technology Grou...
09-40-003-5402 HARTING-09-40-003-5402 Datasheet
490Kb / 2P
Han 3HPR-C-TL-with cord-black chrome
09-40-003-5412 HARTING-09-40-003-5412 Datasheet
512Kb / 2P
Han 3HPR-C-SL-with cord-black chrome
logo
PHOENIX CONTACT
1656505 PHOENIX-1656505 Datasheet
70Kb / 4P
Socket insert - VS-SI-SD-DE
09/11/2020
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
logo
GardTec, Inc.
PRF92 GARDTEC-PRF92 Datasheet
2Mb / 1P
Bright Nickel Chrome Plating
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com