Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02H7 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02H7
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02H7 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02H7 Datasheet HTML 1Page - Balluff Korea Ltd. BES02H7 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES 516-114-SA1-05
Order Code: BES02H7
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 274567
ETIM 6.0: EC002714
BES02H7_0.68_2023-12-13
2 / 2
Material
Housing material
Brass, nickel-plated
Material jacket
Silicone
Material sensing surface
PBT
Mechanical data
Dimension
Ø 30 x 91.5 mm
Installation
for flush mounting
Size
M30x1.5
Tightening torque
70 Nm
Range/Distance
Assured operating distance Sa
8 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
10 mm
Real switching distance sr
10 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
5 %
Tolerance Sr
±10 %
Remarks
Ta ≥ 70 °C… ≤ 120 °C: Ie= 400 - 5x(Ta-70).
Recommendation: After a short circuit check the device for proper function.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams
1) For SCP see electrical data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com