Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124EU Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC124EU
Description  NPN resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124EU Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC124EU Datasheet HTML 1Page - NXP Semiconductors PDTC124EU Datasheet HTML 2Page - NXP Semiconductors PDTC124EU Datasheet HTML 3Page - NXP Semiconductors PDTC124EU Datasheet HTML 4Page - NXP Semiconductors PDTC124EU Datasheet HTML 5Page - NXP Semiconductors PDTC124EU Datasheet HTML 6Page - NXP Semiconductors PDTC124EU Datasheet HTML 7Page - NXP Semiconductors PDTC124EU Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 May 08
1999 Apr 16
DISCRETE SEMICONDUCTORS
PDTC124EU
NPN resistor-equipped transistor
book, halfpage
M3D102


Similar Part No. - PDTC124EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124EU PHILIPS-PDTC124EU Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTC124EU PHILIPS-PDTC124EU Datasheet
91Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC124EU NXP-PDTC124EU Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC124EU NEXPERIA-PDTC124EU Datasheet
1Mb / 18P
PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
PDTC124EU-Q NEXPERIA-PDTC124EU-Q Datasheet
227Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
7 March 2022
More results

Similar Description - PDTC124EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EK PHILIPS-PDTC114EK Datasheet
66Kb / 8P
NPN resistor-equipped transistor
1998 Nov 26
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
NPN resistor-equipped transistor
1998 Aug 03
PDTC114TU PHILIPS-PDTC114TU Datasheet
48Kb / 8P
NPN resistor-equipped transistor
1999 Apr 16
PDTC114YT PHILIPS-PDTC114YT Datasheet
50Kb / 8P
NPN resistor-equipped transistor
1999 May 21
PDTC114YU PHILIPS-PDTC114YU Datasheet
53Kb / 8P
NPN resistor-equipped transistor
1999 Apr 20
PDTC124EE PHILIPS-PDTC124EE Datasheet
66Kb / 8P
NPN resistor-equipped transistor
1998 Jul 31
PDTC124ET PHILIPS-PDTC124ET Datasheet
50Kb / 8P
NPN resistor-equipped transistor
1999 Apr 16
PDTC124XEF PHILIPS-PDTC124XEF Datasheet
63Kb / 8P
NPN resistor-equipped transistor
1999 May 18
PDTC143EE PHILIPS-PDTC143EE Datasheet
65Kb / 8P
NPN resistor-equipped transistor
1998 Jul 31
PDTC143ES PHILIPS-PDTC143ES Datasheet
69Kb / 8P
NPN resistor-equipped transistor
1998 May 20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com