Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC7448
Description  Hardware Specifications Addendum for the MC7448T xxnnnnmx Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC7448 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2
Freescale Semiconductor
5
General Parameters
5.3
Voltage and Frequency Derating
To reduce power consumption, these devices support voltage and frequency derating in which the core
voltage (VDD) may be reduced if the reduced maximum processor core frequency requirements are
observed. The supported derated core voltage, resulting maximum processor core frequency (fcore), and
power consumption are provided in Table 11. Only those parameters in Table 11 are affected; all other
parameter specifications are unaffected.
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency (MHz)
Unit
Notes
1000N
1267N
1400N
1700L
Min
Max
Min
Max
Min
Max
Min
Max
Processor frequency
DFS mode disabled
fcore
500
1000
500
1267
500
1400
600
1700
MHz
1, 8, 9
Processor frequency
DFS mode enabled
fcore_DFS
250
500
250
633
250
700
300
850
MHz
10
VCO frequency
fVCO
500
1000
500
1267
500
1400
600
1700
MHz
1, 9
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:5] settings must be chosen such that the resulting SYSCLK (bus)
frequency, processor core frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to the PLL_CFG[0:5] signal description in Section 9.1.1, “PLL Configuration,” in the hardware
specifications for valid PLL_CFG[0:5] settings.
8. This reflects the maximum and minimum core frequencies when the dynamic frequency switching feature (DFS) is disabled.
fcore_DFS provides the maximum and minimum core frequencies in a DFS mode.
9. Caution: These values specify the maximum processor core and VCO frequencies when the device is operated at the
nominal core voltage. If operating the device at the derated core voltage, the processor core and VCO frequencies must be
reduced. See Section 5.3, “Voltage and Frequency Derating,” for more information.
10.This specification supports the Dynamic Frequency Switching (DFS) feature and is applicable only when one of the DFS
modes (divide-by-2 or divide-by-4) is enabled. When DFS is disabled, the core frequency must conform to the maximum and
minimum frequencies stated for fcore.
Table 11. Supported Voltage, Core Frequency, and Power Consumption Derating
Maximum Rated
Core Frequency
(Device Marking)
Supported
Derated Core
Voltage (VDD)
Maximum Derated
Core Frequency
(fcore)
Full-Power Mode Power Consumption
Typical
Thermal
Maximum
1000N
N/A
1267N
1.0 V ± 50 mV
1000 MHz
6.0 W
7.3 W
8.5 W
1400N
1.0 V ± 50 mV
1000 MHz
8.0 W
9.9 W
11.5 W
1700L
N/A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com