Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313CVRAFF Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFF Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFF Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
67
Package and Pin Listings
USB_TPA
L26
IO
USB_RBIAS
M24
IO
USB_PLL_PWR3
M26
IO
USB_PLL_GND
N24
IO
USB_PLL_PWR1
N25
IO
USB_VSSA_BIAS
M25
IO
USB_VDDA_BIAS
M22
IO
USB_VSSA
N22
IO
USB_VDDA
P22
IO
GTM/USB
USBDR_DRIVE_VBUS/GTM1_TIN1/GTM2_TIN2
AD23
IO
NVDD
USBDR_PWRFAULT/GTM1_TGATE1/GTM2_TGATE2
AE23
IO
NVDD
USBDR_PCTL0/GTM1_TOUT1
AC22
O
NVDD
USBDR_PCTL1
AB21
O
NVDD
SPI
SPIMOSI/GTM1_TIN3/GTM2_TIN4/GPIO[28]
H1
IO
NVDD
SPIMISO/GTM1_TGATE3/GTM2_TGATE4/GPIO[29]/LDVAL
H3
IO
NVDD
SPICLK/GTM1_TOUT3/GPIO[30]
G1
IO
NVDD
SPISEL/GPIO[31]
G3
IO
NVDD
Power and Ground Supplies
GVDD
A2,A3,A4,A24,A25,B3,
B4,B5,B12,B13,B20,
B21,B24,B25,B26,D1,
D2,D8,D9,D16,D17
LVDD
D24,D25,G23,H23,R23,
T23,W25,Y25,
AA22,AC23
LVDDA
W2,Y2
LVDDB
AC8,AC9,AE4,AE5
MVREF
C14,D14
NVDD
G4,H4,L2,M2,AC16,
AC17,AD25,AD26,AE12,
AE13,AE20,AE21,AE24,
AE25,AE26,AF24,
AF25
Table 55. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com