Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323VRADDC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8323VRADDC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323VRADDC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8323VRADDC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323VRADDC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323VRADDC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323VRADDC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8323VRADDC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323VRADDC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323VRADDC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8323VRADDC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8323VRADDC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
10
Freescale Semiconductor
Power Characteristics
3
Power Characteristics
The estimated typical power dissipation for this family of MPC8323E devices is shown in Table 5.
Table 6 shows the estimated typical I/O power dissipation for the device.
Table 5. MPC8323E Power Dissipation
CSB
Frequency (MHz)
QUICC Engine
Frequency (MHz)
Core
Frequency (MHz)
Typical
Maximum
Unit
Notes
133
200
266
0.74
1.48
W
1, 2, 3
133
200
333
0.78
1.62
W
1, 2, 3
Notes:
1. The values do not include I/O supply power (OVDD and GVDD) or AVDD. For I/O power values, see Table 6.
2. Typical power is based on a nominal voltage of VDD = 1.0 V, ambient temperature, and the core running a Dhrystone
benchmark application. The measurements were taken on the MPC8323MDS evaluation board using WC process silicon.
3. Maximum power is based on a voltage of VDD = 1.07 V, WC process, a junction TJ = 110°C, and an artificial smoke test.
Table 6. Estimated Typical I/O Power Dissipation
Interface
Parameter
GVDD (2.5 V)
OVDD (3.3 V)
Unit
Comments
DDR I/O
65% utilization
2.5 V
Rs = 20 Ω
Rt = 50 Ω
1 pair of clocks
266 MHz, 1
× 32 bits
0.367
W
Local bus I/O
load = 25 pF
1 pair of clocks
66 MHz, 32 bits
0.12
W
PCI I/O load = 30 pF
66 MHz, 32 bits
0.057
W
QUICC Engine block and
other I/Os
UTOPIA 8-bit 31 PHYs
0.041
W
Mutiply by number of
interfaces used.
TDM serial
0.001
W
TDM nibble
0.004
W
HDLC/TRAN serial
0.003
W
HDLC/TRAN nibble
0.025
W
DUART
0.017
W
MIIs
0.009
W
RMII
0.009
W
Ethernet management
0.002
W
USB
0.001
W
SPI
0.001
W
Timer output
0.002
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com