Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323ECVRADDC Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC8323ECVRADDC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323ECVRADDC Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8323ECVRADDC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8323ECVRADDC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8323ECVRADDC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8323ECVRADDC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8323ECVRADDC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8323ECVRADDC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8323ECVRADDC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8323ECVRADDC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8323ECVRADDC Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
Freescale Semiconductor
51
Package and Pin Listings
MEMC_MCKE
AD14
O
GVDD
3
MEMC_MCK
AF14
O
GVDD
MEMC_MCK
AE14
O
GVDD
MEMC_MODT
AF11
O
GVDD
Local Bus Controller Interface
RST_LAD0/LAD0
N25
IO
OVDD
RST_LAD1/LAD1
P26
IO
OVDD
RST_LAD2/LAD2
P25
IO
OVDD
RST_LAD3/LAD3
R26
IO
OVDD
RST_LAD4/LAD4
R25
IO
OVDD
RST_LAD5/LAD5
T26
IO
OVDD
RST_LAD6/LAD6
T25
IO
OVDD
RST_LAD7/LAD7
U25
IO
OVDD
RST_LAD8/LAD8
M24
IO
OVDD
RST_LAD9/LAD9
N24
IO
OVDD
RST_LAD10/LAD10
P24
IO
OVDD
RST_LAD11/LAD11
R24
IO
OVDD
RST_LAD12/LAD12
T24
IO
OVDD
RST_LAD13/LAD13
U24
IO
OVDD
RST_LAD14/LAD14
U26
IO
OVDD
RST_LAD15/LAD15
V26
IO
OVDD
RST_LA16/LA16
K25
O
OVDD
RST_LA17/LA17
L25
O
OVDD
RST_LA18/LA18
L26
O
OVDD
RST_LA19/LA19
L24
O
OVDD
RST_LA20/LA20
M26
O
OVDD
RST_LA21/LA21
M25
O
OVDD
RST_LA22/LA22
N26
O
OVDD
RST_LA23/LA23
AC24
O
OVDD
RST_LA24/LA24
AC25
O
OVDD
RST_LA25/LA25
AB23
O
OVDD
RST_LCS0/LCS0
AB24
O
OVDD
4
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com