Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8323VRAFDC Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8323VRAFDC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323VRAFDC Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8323VRAFDC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8323VRAFDC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8323VRAFDC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8323VRAFDC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8323VRAFDC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8323VRAFDC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8323VRAFDC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8323VRAFDC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8323VRAFDC Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0
56
Freescale Semiconductor
Package and Pin Listings
CE/GPIO
GPIO_PA0/SER1_TXD[0]/TDMA_TXD[0]/USBTXN
G3
IO
OVDD
GPIO_PA1/SER1_TXD[1]/TDMA_TXD[1]/USBTXP
F3
IO
OVDD
GPIO_PA2/SER1_TXD[2]/TDMA_TXD[2]
F2
IO
OVDD
GPIO_PA3/SER1_TXD[3]/TDMA_TXD[3]
E3
IO
OVDD
GPIO_PA4/SER1_RXD[0]/TDMA_RXD[0]/USBRXP
E2
IO
OVDD
GPIO_PA5/SER1_RXD[1]/TDMA_RXD[1]/USBRXN
E1
IO
OVDD
GPIO_PA6/SER1_RXD[2]/TDMA_RXD[2]/USBRXD
D3
IO
OVDD
GPIO_PA7/SER1_RXD[3]/TDMA_RXD[3]
D2
IO
OVDD
GPIO_PA8/SER1_CD/TDMA_REQ/USBOE
D1
IO
OVDD
GPIO_PA9 TDMA_CLKO
C3
IO
OVDD
GPIO_PA10/SER1_CTS/TDMA_RSYNC
C2
IO
OVDD
GPIO_PA11/CE_TRB_PIN2/TDMA_STROBE
C1
IO
OVDD
GPIO_PA12/SER1_RTS/TDMA_TSYNC/CE_PIO0
B1
IO
OVDD
GPIO_PA13/CLK9/BRGO9/CE_PIO1
H4
IO
OVDD
GPIO_PA14/CLK11/BRGO10/CE_PIO2
G4
IO
OVDD
GPIO_PA15/CE_TRB_PIN3/BRGO7/CE_PIO3
J4
IO
OVDD
GPIO_PA16/CE_TRB_PIN4/ LA0 (LBIU)
K24
IO
OVDD
GPIO_PA17/CE_TRB_PIN1/ LA1 (LBIU)
K26
IO
OVDD
GPIO_PA18/Enet2_TXD[0]/SER2_TXD[0]/
TDMB_TXD[0]/LA2 (LBIU)
G25
IO
OVDD
GPIO_PA19/Enet2_TXD[1]/SER2_TXD[1]/
TDMB_TXD[1]/LA3 (LBIU)
G26
IO
OVDD
GPIO_PA20/Enet2_TXD[2]/SER2_TXD[2]/
TDMB_TXD[2]/LA4 (LBIU)
H25
IO
OVDD
GPIO_PA21/Enet2_TXD[3]/SER2_TXD[3]/
TDMB_TXD[3]/LA5 (LBIU)
H26
IO
OVDD
GPIO_PA22/Enet2_RXD[0]/SER2_RXD[0]/
TDMB_RXD[0]/LA6 (LBIU)
C25
IO
OVDD
GPIO_PA23/Enet2_RXD[1]/SER2_RXD[1]/
TDMB_RXD[1]/LA7 (LBIU)
C26
IO
OVDD
GPIO_PA24/Enet2_RXD[2]/SER2_RXD[2]/
TDMB_RXD[2]/LA8 (LBIU)
D25
IO
OVDD
GPIO_PA25/Enet2_RXD[3]/SER2_RXD[3]/
TDMB_RXD[3]/LA9 (LBIU)
D26
IO
OVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com