Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2AB Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # CS2AB
Description  10AX 1G 2-way Plate Switch - Antique Brass
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CS2AB Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  CS2AB Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
CS2AB
DESCRIPTION
10AX 1G 2-way Plate Switch - Antique Brass
NET WEIGHT (KG)
0.113
FINISH
Antique Brass
DIMENSIONS (MM)
Height - 89
Width - 89
Projection - 10.5
MINIMUM MOUNTING BOX DEPTH
16mm
CONSTRUCTION
Construction - Premium grade steel
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
SWITCH FUNCTION
2-Way
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
10AX
TERMINAL TYPE
Screw
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60669-1
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832975793
Date Created: 09/04/2024 01:21
www.mlaccessories.co.uk
CS2AB
10AX 1G 2-way Plate Switch - Antique Brass


Similar Part No. - CS2AB

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
CS2A NJSEMI-CS2A Datasheet
61Kb / 1P
Microwave Diodes
logo
DB Lectro Inc
CS2A100KC DBLECTRO-CS2A100KC Datasheet
534Kb / 13P
CHIP TYPE, STANDARD
CS2A100KR DBLECTRO-CS2A100KR Datasheet
534Kb / 13P
CHIP TYPE, STANDARD
CS2A100KT DBLECTRO-CS2A100KT Datasheet
534Kb / 13P
CHIP TYPE, STANDARD
CS2A100LC DBLECTRO-CS2A100LC Datasheet
534Kb / 13P
CHIP TYPE, STANDARD
More results

Similar Description - CS2AB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K900016 E-SWITCH-K900016 Datasheet
32Kb / 1P
MATERIAL: BRASS W/NICKLE PLATE
K900018 E-SWITCH-K900018 Datasheet
32Kb / 1P
MATERIAL: BRASS W/NICKLE PLATE
K900021 E-SWITCH-K900021 Datasheet
90Kb / 1P
MATERIAL: BRASS W/NICKLE PLATE
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
logo
Silicom Ltd.
IBSG SILICOM-IBSG Datasheet
450Kb / 10P
Intelligent 1G Bypass Switch
logo
Microsemi Corporation
VSC7424-02 MICROSEMI-VSC7424-02 Datasheet
4Mb / 772P
VSC7424-02 supports 10× 1G with 8x 1G copper PHYs 2× 1G SGMII
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com