Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC2012YC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APTC2012YC
Description  2.0 x1.25mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTC2012YC Datasheet(HTML) 1 Page - Kingbright Corporation

  APTC2012YC Datasheet HTML 1Page - Kingbright Corporation APTC2012YC Datasheet HTML 2Page - Kingbright Corporation APTC2012YC Datasheet HTML 3Page - Kingbright Corporation APTC2012YC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD0956
REV NO: V.1
DATE:MAR/22/2003
PAGE: 1 OF 4
APPROVED : J. Lu
CHECKED :Allen Liu
DRAWN: S.J.HOU
2.0x1.25mm SMD CHIP LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
!
2.0mmx1.25mm SMT LED,0.75mm THICKNESS.
!
LOW POWER CONSUMPTION.
!
WIDE VIEWING ANGLE.
!
IDEAL FOR BACKLIGHT AND INDICATOR.
!
VARIOUS COLORS AND LENS TYPES AVAILABLE.
!
PACKAGE : 2000PCS / REEL.
PackageDimensions
APTC2012YC
YELLOW
Description
The Yellow source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide
Yellow Light Emitting Diode.


Similar Part No. - APTC2012YC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTC2012CGCK KINGBRIGHT-APTC2012CGCK Datasheet
101Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
APTC2012EC KINGBRIGHT-APTC2012EC Datasheet
102Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
APTC2012MBC KINGBRIGHT-APTC2012MBC Datasheet
102Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
APTC2012MGC KINGBRIGHT-APTC2012MGC Datasheet
101Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
APTC2012PBC KINGBRIGHT-APTC2012PBC Datasheet
172Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - APTC2012YC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012SGC KINGBRIGHT-AP2012SGC Datasheet
92Kb / 4P
2.0 X 1.2MM SMD CHIP LED LAMP
KPT-2012SURC KINGBRIGHT-KPT-2012SURC Datasheet
101Kb / 4P
2.0 횞 1.2mm SMD CHIP LED LAMP
APTC2012SECK KINGBRIGHT-APTC2012SECK Datasheet
102Kb / 4P
2.0 x1.25mm SMD CHIP LED LAMP
APTC2012SURC KINGBRIGHT-APTC2012SURC Datasheet
102Kb / 4P
2.0 x1.25mm SMD CHIP LED LAMP
APTC2012SYCK KINGBRIGHT-APTC2012SYCK Datasheet
102Kb / 4P
2.0 x1.25mm SMD CHIP LED LAMP
APHBM2012SURKZGKC KINGBRIGHT-APHBM2012SURKZGKC Datasheet
318Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
APTD2012LCGCK KINGBRIGHT-APTD2012LCGCK Datasheet
307Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZMOK54W-8 SUNLED-XZMOK54W-8 Datasheet
232Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APHBM2012LVBDSEKJ3C TO-GRACE-APHBM2012LVBDSEKJ3C Datasheet
919Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
KP-2012SECK TO-GRACE-KP-2012SECK Datasheet
854Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com