Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES02ZR Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES02ZR
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02ZR Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES02ZR Datasheet HTML 1Page - Balluff Korea Ltd. BES02ZR Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES G06MD-GNX10B-EV02-EEX
Order Code: BES02ZR
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 288241
ETIM 6.0: EC002714
BES02ZR_0.3_2023-12-21
1 / 2
Basic features
Approval/Conformity
CE
ATEX
FM
cCSAus
WEEE
Basic standard
EN IEC 60079-0
EN 60079-11
EN 60079-26
IEC 60079-0
IEC 60529
IEC 60947-5-6
CSA Class 258 04
CSA Class 258 84
FM Class 3600
FM Class 3610
FM Class 3810
Including Supplement 1
ANSI/NEMA 250
Ex marking
ATEX: Ex II 1G Ex ia IIC T6 Ga Ta:
-20 … 55 °C
Ex II 2G Ex ia IIC T6 Gb Ta: -20 …
70 °C
Ex 1D Ex ia IIIC T90°C Ta: -20 … 70
°C
NEC: CSA/FM Class I, Division 1,
Groups ABCD
Class II, Division 1, Groups EFG
Class III
Display/Operation
Function indicator
no
Power indicator
no
Electrical connection
Cable length L
2 m
Conductor cross-section
0.14 mm²
Connection type
Cable, 2.00 m, PVC
Number of conductors
2
Polarity reversal protected
no
Electrical data
Current consumption max., damped
1 mA
Current consumption min., undamped
2.1 mA
Internal capacitance Ci max.
80 nF
Internal inductance Li max.
0.07 nH
Operating voltage Ub
7.7...9 VDC
Permiss. series resistance Rv
550...1100 Ohm
Rated insulation voltage Ui
75 V DC
Rated operating voltage Ue DC
8.2 V
Rated series resistance Rv
1000 Ohm
Ready delay tv max.
1 ms
Switching frequency
2000 Hz
Environmental conditions
Ambient temperature
-20...70 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
4816 a
n


Similar Part No. - BES02ZR

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES02Z0 BALLUFF-BES02Z0 Datasheet
92Kb / 2P
Inductive Sensors
2023-02-20
BES02Z1 BALLUFF-BES02Z1 Datasheet
92Kb / 2P
Inductive Sensors
2023-12-20
BES02Z2 BALLUFF-BES02Z2 Datasheet
92Kb / 2P
Inductive Sensors
2023-02-20
BES02Z3 BALLUFF-BES02Z3 Datasheet
92Kb / 2P
Inductive Sensors
2023-02-20
BES02Z5 BALLUFF-BES02Z5 Datasheet
92Kb / 2P
Inductive Sensors
2023-07-28
More results

Similar Description - BES02ZR

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com