Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCA2-DC1-R Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # DMR35-DCA2-DC1-R
Description  Precision DC Shunt Ammeter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCA2-DC1-R Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  DMR35-DCA2-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCA2-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCA2-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCA2-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCA2-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCA2-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCA2-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCA2-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMR35-DCA.A01.D04 Page 6 of 8
DMR35-DCA Series
Precision DC Shunt Ammeter
www.murata-ps.com
TECHNICAL NOTES
1. Calibration
The DMR35 is calibrated at the factory at manufacture. There are no user or field-adjustable calibration features.
2. Wiring
Power supply and input wiring must be rated for the electrical and environmental conditions under which the meter will be operated. They must
also comply with any regulatory or application-mandated requirements pertaining to the user’s installation. The terminal blocks can
accommodate wire gauges ranging from #14 to #24 AWG (#10-#24 for the large terminal blocks used on the DMR35-DCA2). Wiring Insulation
should be stripped to the proper length as described in Terminal Block specifications table and wires must be inserted into the terminal block
openings such that the screw terminal does not pinch any insulation. It is important to tighten all screw-terminals to their torque specification,
which also may be found in the Terminal Block specifications table. Proper tightening will help ensure reliable operation. Applications subject to
vibration should use stranded wire. After final assembly, inspect all terminal block connections for shorts between adjacent conductors; this
step is especially important when using stranded wire.
3. Protection and Fusing
DMR35 meters’ power supply leads (+VS, -VS) are protected against momentary overvoltage and reverse polarity conditions. Input terminals
+I_IN and –I_IN are protected against noise and brief transients. Protection, however, is not provided against sustained conditions exceeding
the limits listed in in the Performance & Functional Specifications Table. External fusing must be supplied by the user in accordance to
applicable safety and regulatory requirements for the system in which the DMR35 is installed.
4. Noisy Power Supplies
Some power supplies contain high-frequency switching devices that may conduct and/or radiate significant noise onto the low-level signal
developed across the measurement inputs. Even though the DMR35 incorporates built-in input filtering, some portion of this noise may be
amplified and subsequently measured by its sensitive input circuitry. Limiting runs of wire to less than 3 meters (10 feet) is strongly
recommended. Also, in systems with noisy power supplies, connecting an external, non-polarized capacitor across the +VS and -VS inputs can
help reduce measurement errors. In certain situations, the use of twisted pair or shield wiring may be required.
5. Self-Diagnostics
On power-on the meter performs a self-test and checks the integrity of calibration data stored in internal non-volatile memory. If the factory
calibration data has been corrupted, the meter will display ‘CAL’ on power-on and approximately once a minute thereafter to indicate that the
meter is relying on default calibration factors and that displayed measurements may have more than the datasheet-specified amount of error. If
the meter detects other internal fault conditions, it will attempt to reset itself. Repeated restarts, which appear in the form of a highly
intermittent display, are indicative of a hardware fault that cannot be cleared through a reset operation, in which case the meter should no
longer be used.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com