Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCV2-DC1-R Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # DMR35-DCV2-DC1-R
Description  Precision DC Voltmeter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCV2-DC1-R Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  DMR35-DCV2-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCV2-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMR35-DCV Series
Precision DC Voltmeter
DMR35-DCV.A01.D0
6 Page 3 of 8
www.murata-ps.com
OPERATION:
Measurement Type and Capabilities
The DMR35 series of digital voltmeters employ a precision ADC and a low-power microcontroller to measure DC voltage. These meters provide full-
scale measurement ranges spanning 5 volts to 50 volts for the DCV1 model, and ±5V to ±50 V for the DCV2 model. Both models present a 1MΩ input
impedance. These meters’ measurement systems supports a common-mode input voltage range of up to +/-48V with respect to the power supply
return (-VS connection), simplifying their application in a wide variety of systems
FRONT PANEL & FRONT PANEL LAYOUT AND FUNCTION
Bar-graph Display: The 21 segment bar-graph display responds quickly and smoothly like an
analog meter movement to aid in reading rapidly changing measurements.
Numeric Display: The 3-1/2 digit display provides precise measurements for steady-state and
slowly changing measurement values.
REAR PANEL LAYOUT AND SCREW TERMINAL CONNECTIONS
DMR35 meters provide four screw terminals for power and measurement connections, as well as a 5-position DIP switch for meter configuration, as
described below.
Rear Layout
Terminal #
Name
Function
1
+VS
Power supply input terminals (9-32 VDC)
2
-VS
3
+VIN
Voltage measurement input terminals
4
-VIN
DIP Switch: Five individual switches support display intensity settings (SW1-SW2)
and measurement range selection (SW3-SW5)
Note: It is important to tighten all screw-terminals to their torque specifications.
Proper tightening will help ensure reliable operation. Applications subject to
vibration should use stranded wire.
POWER SUPPLY CONNECTIONS
The meter is powered through the +VS and –VS terminals and requires a DC power supply that may range from 9VDC to 32VDC. This supply is
electrically isolated from the meter’s measurement electronics, so that the meter’s measurement input terminals (+VIN, -VIN) do not need to be
connected to the meter’s power return terminal (-VS), and may vary as much as +/-48V from this connection. Please note that the meter’s isolation
barrier is intended only to simplify measurements, and not for safety purposes – the maximum voltage between the power supply terminals (+VS or –
VS) and the measurement input terminals (+VIN, -VIN) must be limited to +/-48VDC. The DMR35 series of meters incorporates protection against
momentary applications of both overvoltage and reverse polarity to the power supply(+VS, -VS) terminals. Depending on regulatory and application
requirements it may also be necessary for the user to add external fusing.
MEASUREMENT INPUTS
Voltage to be measured by the DMR35 is applied to the +VIN and –VIN terminals. Unlike many panel meters, the DMR35 series’ measurement inputs
are electrically isolated from the power supply terminals, which allows for fully differential measurements over a common-mode range of +/-48V with
respect to the power supply terminals +VS or -VS. The input impedance between the –VIN to +VIN terminals is nominally 1 M
Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com