Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCMA1-DC1-R Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DMR35-DCMA1-DC1-R
Description  DMR35 DC Micro and Milli-ammeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCMA1-DC1-R Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DMR35-DCMA1-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCMA1-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCMA1-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCMA1-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCMA1-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCMA1-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCMA1-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCMA1-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMR35-DCxA.A01.D04 Page 5 of 8
DMR35-DCxA Series
DMR35 DC Micro and Milli-ammeters
www.murata-ps.com
METER CONFIGURATION
Meter Range Settings
DMR35 meter configuration is controlled through a 5-position DIP switch (SW1-SW5) on the rear of the meter. The individual switches are labelled 1
through 5 on the unit, and the ON position of the switches is also labelled. These switches are used to select both the meter’s measurement range
and the display intensity (brightness).
Switches SW3 through SW5 select the meter’s measurement range, as shown in the table below. Note that for these five meter models, switch SW3
selects either unipolar (OFF) or bipolar (ON) measurement ranges. Switches SW4 and SW5 select the magnitude of the measurement range.
Switch Setting
DMR35 Model
SW3 SW4
SW5
DIP switch
-DCMA1
-DCMA2
-DCMA3
-DCMA4
-DCUA
OFF
OFF
OFF
0-1 mA
0-15 mA
0-100 mA
0-300 mA
0-50 µA
OFF
OFF
ON
0-3 mA
0-20 mA
0-150 mA
0-500 mA
0-100 µA
OFF
ON
OFF
0-5 mA
0-25 mA
0-200 mA
0-750 mA
0-200 µA
OFF
ON
ON
0-10 mA
0-50 mA
0-250 mA
0-1000 mA
0-500 µA
ON
OFF
OFF
±1 mA
±15 mA
±100 mA
±300 mA
±50 µA
ON
OFF
ON
±3 mA
±20 mA
±150 mA
±500 mA
±100 µA
ON
ON
OFF
±5 mA
±25 mA
±200 mA
±750 mA
±200 µA
ON
ON
ON
±10 mA
±50 mA
±250 mA
±1000 mA
±500 µA
The meter behaves differently depending on whether bipolar or unipolar range setting is selected. When the meter is set to a bipolar range setting, it
will display measurements over a +/- range, flashing the display to indicate overflow for input values greater than +RANGE, and flashing the display to
indicate underflow for input values less than –RANGE. A zero-value measurement will illuminate a single center LED. Increasingly negative input values
will illuminate the bargraph from center to the leftmost LED until all left-side LEDs are illuminated at negative full-scale, and increasingly positive input
values will illuminate the bargraph from center to the rightmost LED until all right-side LEDs are illuminated at positive full-scale.
When set to a unipolar range setting, the meter will display measurements over a positive only range. Negative input values will result in an underflow
condition of a flashing zero reading. Positive input values exceeding the maximum range will result in a flashing overflow condition. The bargraph will
indicate a measurement of zero or less by illuminating the leftmost LED, and increasingly positive input values will illuminate the bargraph to the
rightmost LED until all LEDs are illuminated at positive full-scale.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com