Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR35-DCMA4-DC1-R Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DMR35-DCMA4-DC1-R
Description  DMR35 DC Micro and Milli-ammeters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR35-DCMA4-DC1-R Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DMR35-DCMA4-DC1-R Datasheet HTML 1Page - Murata Power Solutions Inc. DMR35-DCMA4-DC1-R Datasheet HTML 2Page - Murata Power Solutions Inc. DMR35-DCMA4-DC1-R Datasheet HTML 3Page - Murata Power Solutions Inc. DMR35-DCMA4-DC1-R Datasheet HTML 4Page - Murata Power Solutions Inc. DMR35-DCMA4-DC1-R Datasheet HTML 5Page - Murata Power Solutions Inc. DMR35-DCMA4-DC1-R Datasheet HTML 6Page - Murata Power Solutions Inc. DMR35-DCMA4-DC1-R Datasheet HTML 7Page - Murata Power Solutions Inc. DMR35-DCMA4-DC1-R Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMR35-DCxA.A01.D04 Page 4 of 8
DMR35-DCxA Series
DMR35 DC Micro and Milli-ammeters
www.murata-ps.com
POWER SUPPLY CONNECTIONS
The meter is powered through the +VS and –VS terminals and requires a DC power supply which may range from 9VDC to 32VDC. This supply is
electrically isolated from the meter’s measurement electronics, so that the meter’s measurement input terminals (+I_IN, -I_IN) do not need to be
connected to the meter’s power return terminal (-VS), and may vary as much as +/-48V from this connection. Please note that the meter’s isolation
barrier is intended only to simplify measurements, and not for safety purposes – the maximum voltage between the power supply terminals (+VS or –
VS) and the measurement input terminals (+I_IN, -I_IN) must be limited to +/-48VDC. The DMR35 series of meters incorporates protection against
momentary applications of both overvoltage and reverse polarity to the power supply(+VS, -VS) terminals. Depending on regulatory and application
requirements it may also be necessary for the user to add external fusing.
MEASUREMENT INPUTS
Current to be measured by the DMR35 is passed through the +I_IN and –I_IN terminals. This requires that the meter be inserted in the line in which
the current is to be measured. Unlike many panel meters, the DMR35 series’ measurement inputs are electrically isolated from the power supply
terminals, which allows for fully differential measurements over a common-mode range of +/-48V with respect to the power supply terminals +VS or -
VS.
CONNECTION EXAMPLES
The schematic below shows how a DMR35 DC current meter can be used to perform a ‘high-side’ current measurement, where the meter is inserted
into the load’s positive leg. In this example, the meter is powered from the same power source powering the load, and the meter’s current sensing
terminals (+I_IN, -I_IN) are at a potential of 12 volts higher than the meter’s negative power terminal (-VS). The meter can also just as easily be used
to measure current in the load’s negative leg (‘low-side’ current sensing).
It is also possible to use the meter to monitor voltage in a circuit that is independent of the meter’s power supply circuit, as shown in the schematic
below. When used in this way, the meter’s current measuring terminals may electrically float with respect to its power supply terminals, as long as the
voltage difference between the two terminal pairs remains within +/- 48V of each other.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com