Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-HTB Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMS-EB-HTB
Description  3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-HTB Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMS-EB-HTB Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-HTB Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-HTB Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-HTB Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-HTB Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-HTB Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Performance/Functional Specifications
Typical at TA = +25°C and supply voltage = +5V using the single-ended input
circuit, unless otherwise noted.
DMS-30PC - 1 - R S - C
LED Color:
AS = Standard Amber
BS = Super Blue
GS = Standard Green
OS = Standard Orange
QS = Standard Aqua
RS = Standard Red
YS = Standard Yellow
RH = High-Intensity Red
GL = Low-Power Green
OL = Low-Power Orange
RL = Low-Power Red
VFS = Blue-Green
1. +1.23V REFERENCE OUTPUT (Pin 9): This pin is the output of the
meter’s precision +1.23V internal reference, and it is referenced to
ANALOG COMMON (pin 10) which sits at a potential of approxi-
mately +2V. This output should be buffered if used to drive exter-
nal loads since sourcing more than 15μA from pin 9 can affect
both the initial accuracy and temperature drift of the meter.
2. ANALOG COMMON (Pin 10): This pin is connected to an internal,
low-noise, "relative" ground. It is used in certain differential and
"floating" measurements as described in the Applications section
of this data sheet and Ap Note DMS-AN3 at
http://www.murata-ps.com/data/meters/dms-an3.pdf. Pin 10
should not be connected to pin 3 (5V RETURN) or to your system’s
analog ground.
3. REFERENCE OUTPUT (Pin 8) and INPUT (Pin 7): Pin 8 is a preci-
sion reference actively trimmed at the factory. In normal operation,
pin 8 must be tied to pin 7 to achieve all listed accuracy and drift
specifications.
Accessories:
DMS-30-CP
Panel cutout punch
DMS-BZL1-C
DMS-30 bezel assembly
DMS-BZL2-C
DMS-30 bezel assembly with sealing gasket
Add-On Application Boards:
DMS-EB-C
Multi-purpose (gain/offset, 4-20mA, etc.)
DMS-EB-HTB
High-accuracy temperature probe sensing for
±200mV models
DMS-EB-DC/DC
Provides isolated +5V power
DMS-EB-RMS-C
For true rms measurements of ac voltages
DMS-EB-AC/DC-C For ac line-powered applications
Input Range:
0 = ±200mV
1 = ±2V
2 = ±20V
3 = ±200V
±200V available on the
following models only:
-BS (Super Blue)
-GS (Standard Green)
-RS (Standard Red)
-RL (Low-Power Red)
-VFS (Blue-Green)
➀ Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11) with
(–) INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage protected
(see Figure 1). Voltages applied to pin 12 should not exceed the supply voltage.
➁ See Technical Notes.
A panel-mount retaining clip is supplied with each model.
Analog Inputs
Min.
Typ.
Max.
Units
Full Scale Input Range:
DMS-30PC-0
–
±200
–
mV
DMS-30PC-1
–
±2
–
Volts
DMS-30PC-2
–
±20
–
Volts
DMS-30PC-3
–
±200
–
Volts
Input Impedence:
–
DMS-30PC-0, -1
100
1000
–
MΩ
DMS-30PC-2, -3
0.8
1
–
MΩ
Overvoltage Protection
➀
–
–
±250
Volts
Common Mode Voltage Range
–
–
±2
Volts
CMRR (dc to 60Hz)
–86
–
dB
Control Inputs
➁
Decimal Point Placement (Pins 4-6)
Tie to pin 3 to activate
Display Test (Pin 2)
Tie to +5V to activate all segments
Performance
Sampling Rate
2.5 reading per second
Accuracy (3 minute warm-up):
DMS-30PC-0 (Vin = +0.19V)
–
±1
±3
Counts
DMS-30PC-1 (Vin = +1.9V)
–
±1
±3
Counts
DMS-30PC-2 (Vin = +19V)
–
±2
±3
Counts
DMS-30PC-3 (Vin = +190V)
–
±2
±3
Counts
Zero Reading (Vin = 0 Volts)
“–001”
“000”
“001”
Temperature Drift (0 = +60°C)
–
±0.2
±0.4
Cnts/°C
+1.23V Reference Output (Pin 9)
➁
+1.20
+1.23
+1.25
Volts
Power Supply Requirements
Supply Voltage
+4.75
+5.00
+5.25
Volts
Supply Current:
Standard Models
–
+150
+225
mA
Low-Power Models
Red Display
–
+12
+17
mA
Green or Orange Display
–
+60
+100
mA
Display
Display Type and Size
3½ digit, 0.56"/14.2mm high LED
Polarity Indication
Autopolarity ("–" for negative Vin)
Overrange Indication
"–1_ _ _ " for negative inputs
"1_ _ _ " for positive inputs
Physical/Environmental
Operating Temperature
0
–
+60
°C
Storage Temperature
–40
–
+75
°C
Humidity (non-condensing)
0
–
95
%
Case Material
Polycarbonate
Weight
0.75 ounces (21 grams)
Ordering Information
Add -C for RoHS
See www.murata
.com/products/power for model-specific availability.
DMS-30PC Series
3½ Digit, LED Display Low-Power,
Miniature Digital Panel Voltmeters
MPM_DMS_30PC.G01 Page 2 of 6
www.murata-ps.com/support
TECHNICAL NOTES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com