Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-EB-RMS-C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # DMS-EB-RMS-C
Description  3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-EB-RMS-C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  DMS-EB-RMS-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-EB-RMS-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 10. External Gain Adjustment
Figure 8. 4.5 -18V Power Supply Monitor
Figure 9. Basic DC Ammeter Circuit
Figure 7. 4-to-20mA Current Loop Operation
To calibrate the circuit of Figure 7, perform the following:
1. With 4mA applied, adjust the 50kΩ potentiometer (R2) to
display a reading of "000" (assuming that is the desired
reading).
2. With 20mA applied, adjust the gain-adjust potentiometer on
the back of the meter to display a reading of "1000". For
different full scale readings, alter the value of RShunt accordingly.
Example: For a meter with a 2V full scale input (1.999 full
scale reading) and a desired display reading of
"1000" (with an input of 20mA), VFsr = 1.000 Volts
RShunt = 1.000V/(0.020 – 0.004)A
RShunt = 1.000V/0.016A = 62.5 Ohms
6. Power Supply Monitoring: One of the most common digital panel
meter applications involves monitoring the output voltage of the
system power supply — often this supply also powers the meter
itself. The low-power, red LED DMS-30PC-2-RL can be configured
to allow power supply monitoring over the range of 4.5-18Vdc. The
circuit in Figure 8 uses a low-drop-out, three-terminal regulator (LM-
2931Z-5, available from National Semiconductor) to provide regulated
5V power to the meter. The LM-2931 was chosen because it has the
following on-chip protection features: reverse polarity, short circuit
and thermal run-away. When using other, higher-power, DMS-30PC
models with three-terminal regulators, be sure to consult the regula-
tor manufacturer's data sheet to ensure the regulator is being utilized
safely and correctly.
7. Digital Ammeter: Digital ammeters are finding ever-increasing
usage because analog-style ammeters (moving-vane types) now cost
roughly the same as their digital counterparts. Additionally, analog
ammeters are not nearly as rugged as modern digital panel voltme-
ters. Figure 9 illustrates a typical ammeter application. The circuit
uses a ±200mV input meter
— the preferred range for most ammeters — to measure the voltage
developed across a 0.1Ω current shunt. The circuit shown represents
a basic ammeter connection diagram. A detailed application note
describing digital dc ammeters is included in Murata Power Solutions'
new Digital Panel Meter Databook.
8. External Gain Adjustment: Connect REFERENCE OUT
(pin 8) to REFERENCE IN (pin 7) for normal, factory calibrated, opera-
tion. Use the +1.23V REFERENCE OUT (pin 9) for applications needing
external gain adjustment. Figure 10 shows the wiring configuration
for each model. Calibration is performed with a precise, near-full-
scale, input voltage.
13
5V RET
AC to DC Converter
DMS-30PC-1
12
(–) IN LO
10
ANA COMM
11
(+) IN HI
R1
–
4-20mA
50k
R2
8
7
REF OUT
REF IN
9
1.23V
REF
5V SUP
85-264Vac
DMS-30PC-2-RL
5
712
+
–
11
1
4.5 - 18Vdc
LM2931Z-5
GND
IN
OUT
+5V SUP
3
5V RET
DP2
REF
IN
(+) IN HI
8
REF
OUT
(–) IN LO
22µF
10V
+
DMS-30PC-0
6
3
+
–
1
1.5 Amp (Load Current)
5Vdc
7
8
+5V SUP
5V RET
DP1
REF OUT
REF IN
11
0.150V
(+) IN HI
0.1
RShunt
Load
(3.3 )
12
(–) IN LO
W
W
9
(+) IN HI
(–) IN LO
ANA COMM
10
1.23V REF
1k
10 to 20 Turns
8
REF IN
11
1k
10 to 20 Turns
8.45k, 1%
8.45k, 1%
5V RET
Connections
for ±2V, ±20V
and ±200V models
Connections
for ±200mV
models
7
NC
12
3
DMS-30PC
VOLTAGE
CALIBRATOR
OUT
COM
DMS-30PC Series
3½ Digit, LED Display Low-Power,
Miniature Digital Panel Voltmeters
MPM_DMS_30PC.G01 Page 5 of 6
www.murata-ps.com/support
APPLICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com