Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-40PC-1-RL-C. Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # DMS-40PC-1-RL-C.
Description  4½ Digit, LED Display Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-40PC-1-RL-C. Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DMS-40PC-1-RL-C. Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-40PC-1-RL-C. Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-40PC-1-RL-C. Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-40PC-1-RL-C. Datasheet HTML 4Page - Murata Power Solutions Inc. DMS-40PC-1-RL-C. Datasheet HTML 5Page - Murata Power Solutions Inc. DMS-40PC-1-RL-C. Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
When using other, higher-power, DMS-40PC models in combina-
tion with three-terminal regulators, be sure to consult the regulator
manufacturer’s data sheet to ensure the device is being utilized safely
and correctly.
Figure 4. 4.5-18V Power Supply Monitor
4.  Floating Signal Source Measurements: A floating input is a signal
that, before it is applied to the DMS-40PC’s inputs, has no galvanic
connection (direct current path) to the meter or the meter’s power
supply. The circuit shown in Figure 5 illustrates the necessary con-
nections for measuring floating inputs. The 1.5V battery represents a
true floating input signal since it initially has no connection whatso-
ever in common with the meter. Real-world floating inputs typically
originate from power supplies which are transformer isolated from
the DMS-40PC’s +5V supply.
The connection of pin 12 ((–) INPUT LO) to pin 10 (ANALOG COMMON)
is required in order to provide a bias return for the meter’s input
amplifier. This is because neither pin 11 nor pin 12 are tied to any
reference voltage inside the DMS-40PC (see Figure 1). These connec-
tions are not made internally in order to give the meter the abil
ity to
make differential measurements as described in a previous section.
Figure 5. Floating Input Measurements
3.  Power Supply Monitoring: One of the most widely used digital panel
voltmeter applications is monitoring the output voltage of a system
power supply — often the same supply that also powers the meter.
The low-power, red LED DMS-40PC-2-RL, with its excellent 0.001Vdc
resolution, can be configured to monitor power supplies with outputs
in the range of 4.5-18Vdc. The circuit in Figure 4 uses a low-drop-
out, three-terminal regulator (LM-2931T-5, in a T0-220 package,
available from National Semiconductor) to provide regulated 5V
power to the meter.
The LM-2931 was chosen because it has the following on-chip pro-
tection features: reverse polarity, short circuit and thermal runaway.
The DMS-40PC-3-RL can monitor voltages up to ±200Vdc, provided
a separate +5V power source is used since many three-terminal
regulators cannot operate with supply voltages greater than 24V. Red,
low-power LED models, with their very low self-heating, are recom-
mended for applications in which low calibration drift is desirable.
Figure 3. Differential Input Configuration
2.  Differential Input Configurations: Differential inputs can also be
measured with DMS-40PC meters as shown in the circuit of Figure
3. Differential inputs must also originate from power supplies that
have a common ground with the meter’s 5V RETURN (pin 3). However,
differential inputs usually have both terminals above and/or below
5V RETURN. Figure 3, though not necessarily a typical real-world
application, does serve the purpose of illustrating the concept of a
differential signal.
The voltages developed across R1, R2 and R3 are equal to each other
and measure approximately +1.6666Vdc or 1/3 of the +5V power
source. More importantly, while the signal across R3 is single-ended,
both ends of R1 and R2 are well above ground and are described
here as being differential. Please note that while the DMS-40PC can
measure the voltages across either R2 or R3, it cannot measure
the +1.6666 volts across R1! The voltage at the lower end of R1 is
approximately 3.333V and this exceeds the common mode voltage
limit of ±2V.
1
12
3
+5V SUP
(–) IN LO
5V RET
120 VAC
11
(+) IN HI
DP1
AC to DC Converter
R2
R1
R3
1k
1k
1k
DMS-40PC-1-GS
1
3
+5V SUP
5V RET
120 VAC
6
DP1
AC to DC Converter
DMS-40PC-1-GS
12
(–) IN LO
11
(+) IN HI
1.5V
CELL
–
10
ANA COMM
DMS-40PC-2-RL
5
12
+
–
11
1
4.5 - 18Vdc
LM2931T-5
GND
IN
OUT
+5V SUP
3
5V RET
DP2
(+) IN HI
(–) IN LO
22µF
10V
+
www.murata-ps.com/support
DMS-40PC Series
4½ Digit, LED Display Digital Panel Voltmeters
MPM_DMS-40PC.D04  Page 4 of 6
APPLICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com