Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF20120C Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # STF20120C
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

STF20120C Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  STF20120C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD STF20120C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD STF20120C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD STF20120C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N1367, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
STF20120C(R)
* Pulse width < 300 µs, duty cycle < 2%
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop(Per Leg)*
VF1
@ 5A, Pulse, TJ = 25℃
@ 10A, Pulse, TJ = 25℃
0.61
0.82
-
0.90
V
VF2
@ 5A, Pulse, TJ =125℃
@ 10A, Pulse, TJ = 125℃
0.51
0.62
-
0.72
V
Reverse Current(Per Leg)*
IR1
@VR = rated VR, TJ = 25℃
0.02
0.7
mA
IR2
@VR = rated VR, TJ = 125℃
5
45
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C, fSIG = 1MHz
400
-
pF
RSM Isolation Voltage
(t = 1.0 second, R. H. < =30%,
TA = 25 C)
VISO
Clip mounting, the epoxy body away
from the heatsink edge by more than
0.110" along the lead direction.
-
4500
V
Clip mounting, the epoxy body is
inside the heatsink.
-
3500
Screw mounting, the epoxy body is
inside the heatsink.
-
1500
Ratings and Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com