Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC2003DW Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BC2003DW
Description  N/P Channel Enhancement MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC2003DW Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC2003DW Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 6Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
N Channel Electrical Characteristics (TAmbient=25ºC unless noted otherwise)
Symbol
Parameters
Conditions
Min.
Typ.
Max. Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0 V, ID=250μA
20
Volt
IDSS
Zero Gate Voltage Drain Current
VDS=20V, VGS=0V
1
μA
IGSS
Gate-Body Leakage Current
VGS=±12V, VDS=0V
±100
nA
On Characteristics(Note 3)
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
0.5
0.75
1.2
Volt
RDS(ON)
Drain-Source On-State Resistance
VGS=4.5V, ID=3A
29
65
mΩ
VGS=2.5V, ID=2.8A
35
90
mΩ
gFS
Forward Transconductance
VDS=5V, ID=3A
8
S
Dynamic Characteristics(Note 4)
Ciss
Input Capacitance
VDD=10V, VGS=0V ,
F=1MHz
396
pF
Coss
Output Capacitance
54
pF
Crss
Reverse Transfer Capacitance
40
pF
Switching Characteristics(Note 4)
td(on)
Turn-on Delay Time
VDD=10V, VGS=4.5V,
RGEN=3.3Ω
14
nS
tr
Turn-on Rise Time
10
nS
td(off)
Turn-Off Delay Time
30
nS
tf
Turn-Off Fall Time
7
nS
Qg
Total Gate Charge
VDS=10V, ID=3A,
VGS=4.5V
4.1
nC
Qgs
Gate-Source Charge
1.1
nC
Qgd
Gate-Drain Charge
0.7
nC
Drain-Source Diode Characteristics
VSD
Diode Forward Voltage
(Note 3)
VGS=0V, IS=1A
1.2
V
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Surface mounted on FR4 Board, t≤10 sec
3. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
4. Guaranteed by design, not subject to production
 
 
 
 
N/P Channel Enhancement MOSFET
B C2003DW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com