Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHO+75TFD-R Datasheet(PDF) 1 Page - MTRONPTI

Part # MHO+75TFD-R
Description  14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MHO+75TFD-R Datasheet(HTML) 1 Page - MTRONPTI

  MHO+75TFD-R Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
MHO+ Series
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
1. Consult factory for availability of higher frequencies.
2. TTL load - See load circuit diagram #1. HCMOS load - See load circuit diagram #2.
3. Symmetry is measured at 1.4 V with TTL load, and at 50% Vdd with HCMOS load.
4. Rise/Fall times are measured between 0.5 V and 2.4 V with TTL load, and between 10% Vdd and 90% Vdd with HCMOS load.
Pin Connections
Available Symmetry
Revision: 11-21-06
Features:
Standard 14 DIP Package
RoHS Compliant Version Available (-R)
Tristate Option
Wide Operating Temperature Range
•
•
•
•


Similar Part No. - MHO+75TFD-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MHO+75TFD-R MTRONPTI-MHO+75TFD-R Datasheet
408Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results

Similar Description - MHO+75TFD-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5160 MTRONPTI-XO5160 Datasheet
220Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
MHO MTRONPTI-MHO Datasheet
261Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M3H_0611 MTRONPTI-M3H_0611 Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MA11FAA MTRONPTI-MA11FAA Datasheet
190Kb / 1P
14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MHO3 MTRONPTI-MHO3 Datasheet
251Kb / 2P
14 pin DIP, 3.3 Volt, HCMOS/TTL, Clock Oscillator
XO5160 MTRONPTI-XO5160_07 Datasheet
262Kb / 2P
14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
M3H MTRONPTI-M3H_07 Datasheet
393Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MA MTRONPTI-MA_07 Datasheet
258Kb / 1P
14 pin DIP, 5.0 Volt, ACMOS/TTL, Clock Oscillator
MHO+ MTRONPTI-MHO+_07 Datasheet
408Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHO3 MTRONPTI-MHO3_07 Datasheet
326Kb / 1P
14 pin DIP, 3.3 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com