Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84142-B8-R Datasheet(PDF) 4 Page - EPCOS

Part # B84142-B8-R
Description  Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142-B8-R Datasheet(HTML) 4 Page - EPCOS

  B84142-B8-R Datasheet HTML 1Page - EPCOS B84142-B8-R Datasheet HTML 2Page - EPCOS B84142-B8-R Datasheet HTML 3Page - EPCOS B84142-B8-R Datasheet HTML 4Page - EPCOS B84142-B8-R Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
182 03/01
2-Line Filters
B84142-B*-R
for Converters and Power Electronics
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
B84142-B8-R
B84142-B12-R
B84142-B16-R
B84142-B25-R
SSB0777-R
0
20
40
60
80
dB
100
f
10
10 456
10
10 7
Hz 10 8
e
α
SSB0778-Z
0
20
40
60
80
dB
100
f
4
10
5
10
10 6
Hz
10 7
10 8
e
α
SSB0775-A
0
20
40
60
80
dB
100
f
4
10
10 56
10
10
7
10
Hz
8
e
α
SSB0776-I
0
20
40
60
80
dB
100
10
10 4
10
10
567
Hz 10 8
f
e
α



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com