Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFWKA450KBFY001-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # CFWKA450KBFY001-R0
Description  Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CFWKA450KBFY001-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  CFWKA450KBFY001-R0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CFWKA450KBFY001-R0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CFWKA450KBFY001-R0_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
CFWKA450KBFY001-R0
Note: This datasheet may be out of date.
Please download the latest datasheet of CFWKA450KBFY001-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=CFWKA450KBFY001-R0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated04/11/2024
Applications
Unsuitable
Applications
Please be sure to read and comply with
these "Precautions for use."
Specific
Applications
Consumer equipment
Please refer to Our Website and
specifications, etc. for information about
the performance, functions, quality,
management, and safety required for
the above applications, and use
Products after confirming the
performance and reliability of the actual
Product.
Appearance & Shape
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
-R0
180mm Embossed Tape
350
Features
The CFWKA_Y series is comprised of small, high-performance,
thin (3.0mm) filters consisting of 6 ceramic elements. The filters
are recommend for digital communication applications and are
perfect in hand-held cellular phones.
Features
1. The filters are mountable by automatic placers, and can be
reflow soldered.
2. They are slim, at only 3.0mm maximum thickness.
3. The filters are wide bandwidth, flat GDT within pass band.
4. Operating temperature range: -20 to +80 (degrees C), Storage
temperature range: -40 to +85 (degrees C)
1 of 3


Similar Part No. - CFWKA450KBFY001-R0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CFWKA450KBFY001-R0 MURATA-CFWKA450KBFY001-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
More results

Similar Description - CFWKA450KBFY001-R0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7FF00S0-R0 MURATA-SFECF10M7FF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7GA00S0-R0 MURATA-SFECF10M7GA00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7GF00S0-R0 MURATA-SFECF10M7GF00S0-R0_17 Datasheet
224Kb / 3P
Filters
SFECF10M7HA00-R0 MURATA-SFECF10M7HA00-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7HF00-R0 MURATA-SFECF10M7HF00-R0_17 Datasheet
223Kb / 3P
Filters
SFECK10M7JA00S0-R0 MURATA-SFECK10M7JA00S0-R0_17 Datasheet
217Kb / 3P
Filters
SFECV10M7JA00-R0 MURATA-SFECV10M7JA00-R0_17 Datasheet
216Kb / 3P
Filters
SFSKA5M50CF00-R3 MURATA-SFSKA5M50CF00-R3_17 Datasheet
214Kb / 3P
Filters
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1_17 Datasheet
223Kb / 3P
Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com