Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2000PL Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # FP2000PL
Description  10AX 1G 2-way Switch - Pearl
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

FP2000PL Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  FP2000PL Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
FP2000PL
DESCRIPTION
10AX 1G 2-way Switch - Pearl
FINISH
Pearl
DIMENSIONS (MM)
Height - 87.5
Width - 87.5
Projection - 2.5
MINIMUM MOUNTING BOX DEPTH
16mm
CONSTRUCTION
Construction - Premium grade steel
CLASS
I
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
SWITCH FUNCTION
2-Way
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
10AX
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60669-1
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832917120
Date Created: 12/04/2024 02:28
www.mlaccessories.co.uk
FP2000PL
10AX 1G 2-way Switch - Pearl


Similar Part No. - FP2000PL

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
FP2000PB KNIGHTSBRIDGE-FP2000PB Datasheet
217Kb / 1P
10AX 1G 2-way Switch - Polished Brass
16/04/2024
More results

Similar Description - FP2000PL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
logo
Silicom Ltd.
IBSG SILICOM-IBSG Datasheet
450Kb / 10P
Intelligent 1G Bypass Switch
logo
Microsemi Corporation
VSC7424-02 MICROSEMI-VSC7424-02 Datasheet
4Mb / 772P
VSC7424-02 supports 10× 1G with 8x 1G copper PHYs 2× 1G SGMII
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com