Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65803-J-R30 Datasheet(PDF) 5 Page - EPCOS

Part # B65803-J-R30
Description  Ferrites and Accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65803-J-R30 Datasheet(HTML) 5 Page - EPCOS

  B65803-J-R30 Datasheet HTML 1Page - EPCOS B65803-J-R30 Datasheet HTML 2Page - EPCOS B65803-J-R30 Datasheet HTML 3Page - EPCOS B65803-J-R30 Datasheet HTML 4Page - EPCOS B65803-J-R30 Datasheet HTML 5Page - EPCOS B65803-J-R30 Datasheet HTML 6Page - EPCOS B65803-J-R30 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
187 08/01
Clamp
I With ground terminal, made of stainless spring steel (tinned), 0,335 mm thick
I Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
I Also available as strip clamp on reels
Insulating washer 1 between core and coil former
I For tolerance compensation and for insulation
I Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120
°C), 0,06 mm thick
Insulating washer 2 for double-clad PCBs
I Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E 120
°C), 0,3 mm thick
Clamp
Insulating washer 1
Insulating washer 2
Clamping forces for RM 4
Ordering code
Clamp (ordering code per piece, 2 are required)
B65806-A2203
Insulating washer 1 (reel packing, PU = 1 reel)
B65804-A5000
Insulating washer 2 (bulk)
B65804-C2005
FRM0012-J
0,7
2,4 max.
Fmin: Extension of clamp from a to a2 = Xmin
Fmax: Extension of clamp from a to a1 = Xmax
Clamp opening a (mm)
8,3 + 0,15
Core nose Zmax (mm)
0,15
Height of core pair X (mm) Xmin
Xmax
8,75
9,25
Clamping force F (N)
Fmin
Fmax
5
40
B65804
B65806
Accessories
RM 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com