Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65803-J-R87 Datasheet(PDF) 3 Page - EPCOS

Part # B65803-J-R87
Description  Ferrites and Accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65803-J-R87 Datasheet(HTML) 3 Page - EPCOS

  B65803-J-R87 Datasheet HTML 1Page - EPCOS B65803-J-R87 Datasheet HTML 2Page - EPCOS B65803-J-R87 Datasheet HTML 3Page - EPCOS B65803-J-R87 Datasheet HTML 4Page - EPCOS B65803-J-R87 Datasheet HTML 5Page - EPCOS B65803-J-R87 Datasheet HTML 6Page - EPCOS B65803-J-R87 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
185 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-J w/o center hole
N30
1900 + 30/– 20 % 2570
B65803-J-R30
T35
2800 + 40/– 30 % 3790
B65803-J-Y35
T38
3700 + 40/– 30 % 5000
B65803-J-Y38
T571)
1600 + 30/– 20 % 2200
B65803-J-R57
N49
750 + 30/– 20 % 1010
450
< 0,04
(50 mT, 500 kHz, 100
°C)
B65803-J-R49
N87
1100 + 30/– 20 % 1480
650
< 0,20
(200 mT, 100 kHz, 100
°C)
B65803-J-R87
N971)
1100 + 30/– 20 % 1480
650
< 0,15
(200 mT, 100 kHz, 100
°C)
B65803-J-R97
1) Preliminary data
B65803
Core
RM 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com