Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC1012KT Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BC1012KT
Description  Plastic-Encapsulate MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC1012KT Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC1012KT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC1012KT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC1012KT Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC1012KT Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
On/Off States
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
Gate-Threshold Voltage
VGS(th)
VDS =VGS, ID =250µA
0.45
0.8
1.2
V
Gate-Body Leakage Current
IGSS
VDS =0V, VGS =±4.5V
±1
µA
Zero Gate Voltage Drain Current
IDSS
VDS =16V, VGS =0V
100
nA
VGS =4.5V, ID =600mA
250
700
Drain-Source On-State Resistance
RDS(on)
VGS =2.5V, ID =500mA
330
850
mΩ
Forward Transconductance
g
FS
VDS =10V, ID =400mA
1
S
Dynamic Characteristics
Input Capacitance (note 4)
Ciss
100
Output Capacitance (note 4)
Coss
16
Reverse Transfer Capacitance (note 4)
Crss
VDS =16V,VGS =0V,f =1MHz
12
pF
Total Gate Charge
Qg
750
Gate-Source Charge
Qgs
75
Gate-Drain Charge
Qgd
VDS =10V,VGS =4.5V,
ID =250mA
225
nC
Switching Times (note 4)
Turn-On Delay Time
td(on)
5
Rise Time
tr
5
Turn-Off Delay Time
td(off)
25
Fall Time
tf
VDD=10V,
RL=47Ω, ID=200mA,
VGS=4.5V,RG=10Ω
11
nS
Drain-Source Diode Characteristics
Drain-Source Diode Forward Voltage (note 5)
VSD
IS=0.15A, VGS = 0V
1.2
V
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. This test is performed with no heat sink at Ta=25
℃.
3. This test is performed with infinite heat sink at Tc=25
℃.
4.These parameters have no way to verify.
5. Pulse Test : Pulse Width≤300µs, Duty Cycle≤0.5%.
a
T =25
℃ unless otherwise specified
B C1012KT
N-Channel Power MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com