Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17K1A137 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17K1A137
Description  IP67 mini USB Receptacle Kit with mini-B USB 2.0 Receptacle Through Hole Version
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17K1A137 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17K1A137 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Recommended Panel Cutout
Recommended
PCB Layout
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2011
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
b
c
d
e
f
original
2 x b
1 x c
2 x d
2 x e
1 x f
Jul/22/2011
Nov/01/2011
Mar/07/2013
Mar/21/2014
Dec/02/2014
Vincent ke
Vincent ke
Vincent Ke
Vincent Ke
Vincent Ke
Date
May 05
May 05
J. Chaudry
Vincent Ke
Name
mm
See Notes
IP67 mini USB Receptacle Kit
with mini-B USB 2.0 Receptacle
Through Hole Version
17K1A137
SEE PART NUMBER TABLE
Tolerance
Unless otherwise specified
0 PLC
`0.50
1
PLC
`0.38
2 PLC
`0.25
3 PLC
`0.10
ANGLES
`3~
Notes:
1. Electrical Specifications:
- Meets USB 2.0 Specifications
- Contact Resistance: 50 mOhm max.
- Insulation Resistance: 100 MOhm min. @ 100 VDC
- Current Rating: 1.0 A max. at 25~C
- DWV: 100 VAC/60s at sea level
- Operating Temperature: -40~C to +85~C
2. Material and Finish:
- Receptacle Housing: Polyester (Black), UL94 V-0
- Panel Nut: Brass, Finish: Nickel Plated
- Panel Gasket: Silicone, Color: Transparent
- mini USB Metal Shell: Copper Alloy
- mini USB Insulator: PBT UL94 V-0, Color: Black
- mini USB Contacts: Copper Alloy,
- Finish: 30 u" Gold min. over Nickel in mating area,
Tin over Nickel on solder tails
3. maximum panel thickness: 3.2 mm.
4. IP67 rated when covered or fully mated with appropriate mating connector
2
Panel Nut
(M12 x 1)
Receptacle Housing
mini-B USB
Receptacle
12.00
n
- 0.10
0.00
+
1.5
1.5
n17
0.80
n
`0.05 (X5)
Panel Gasket
Bayonet Channel x 3
13.3
0.80 `0.05
1.60 `0.05
1.60 `0.05
3.20 `0.05
Directive 2002/95/EC RoHS Compliant
1
3
5
4
2
0.42 (x 5)
0.80 `0.05
R0.40
b
b
c
2.05 `0.05
7.30 `0.10
d
d
e
e
Part Number
17-250001
17-250101
Description
Unpotted Version
Potted Version
Sealed with Sealing Compound,
provides IP67 even when uncovered
(For potted version only)
f


Similar Part No. - 17K1A137

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A130 CONEC-17K1A130 Datasheet
300Kb / 1P
USB Patch Cord USB 2.0 Type A Plug (Strain Relief) to USB 2.0 Type B Plug (Standrad)
Jul. 08. 2009
17K1A131 CONEC-17K1A131 Datasheet
274Kb / 1P
USB Patch Cord USB 2.0 Type A Plug (Strain Relief) to USB 2.0 Type A Plug (Standrad)
Jul. 08. 2009
17K1A132 CONEC-17K1A132 Datasheet
337Kb / 1P
USB Patch Cord USB 2.0 Type A Plug (Strain Relief) to USB 2.0 Type A Plug (Industrial)
Jul. 08. 2009
17K1A133 CONEC-17K1A133 Datasheet
250Kb / 1P
USB Patch Cord Standard to Standard Version Type A/A Plug (Solder Cup Version)
Jul. 30. 2009
17K1A135 CONEC-17K1A135 Datasheet
302Kb / 1P
2m USB Patch Cord USB 2.0 Type A Plug (Industrial) to USB 2.0 Type B Plug (Standrad)
Sept. 02. 2009
More results

Similar Description - 17K1A137

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
USB-M04-003 YAMAICHI-USB-M04-003 Datasheet
836Kb / 2P
Mini USB - 90째 Receptacle
USB-M05-003 YAMAICHI-USB-M05-003 Datasheet
247Kb / 2P
Mini USB - 90째 Receptacle
logo
CONEC Elektronische Bau...
17-200601 CONEC-17-200601 Datasheet
365Kb / 1P
IP67 USB Receptacle Assembly Kit
17-200611 CONEC-17-200611 Datasheet
599Kb / 1P
IP67 USB Receptacle & Cover Kit
17-250021 CONEC-17-250021 Datasheet
474Kb / 1P
IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
17K1A139 CONEC-17K1A139 Datasheet
474Kb / 1P
IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
logo
FCI connector
10033526-N3212LF FCI-CONNECTOR-10033526-N3212LF Datasheet
148Kb / 2P
MINI USB B-TYPE SMT RECEPTACLE
logo
Assmann Electronics Inc...
A-USBB-2-M5-R ASSMANN-A-USBB-2-M5-R Datasheet
221Kb / 1P
USB, Version B-Mini, 5-Poles
logo
Molex Electronics Ltd.
5000751517 MOLEX1-5000751517_18 Datasheet
34Kb / 2P
Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com