Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Type 8650
13 | 16
Visit product website 
8.4. Ordering chart accessories
Cover plate
Note:
If not all the valve connections in a basic valve unit module are used, then these connections should be covered by the appropriate cover
plate to ensure full efficiency.
Cover plate
Article no.
Cover plate for solenoid valves Type 6524/6525 (REV1)
650373 
Cover plate for solenoid valves Type 6524/6525 (REV2)
661092 
Cover plate for solenoid valves Type 6524 2x 3/2-way valve
661092 
Cover plate for solenoid valves Type 0460
655069 
Cover plate for solenoid valves Type 6526/6527
653765 
Cover plate for solenoid valves Type 0461
657490 
Various
Accessories
Specification
Article no.
Standard rail
Length: 480 mm
655982 
Length: 530 mm
655983 
Length: 585 mm
671701 
Length: 830 mm
671702 
Length: 885 mm
671703 
Further accessories
Plug to block P channel (to build up several pressure levels or media groups in a 8650 system)
o. r.
Suitable Ex bus plug (Profibus DP - is) D-Sub 9 e.g. from Siemens
(Article no. 6ES7 - 972 - 0DA60 - 0XA0)
655981 
RS 485 IS bus coupler from Siemens (Article no. 6ES7 - 972 - 0AC80 - 0XA0)
222963 
Picture
Article no.
Shut-off valve Ex i version, 0.3 W
(can be flanged to supply module of Type 8650 REV2, for applications requiring shut-off of
supply air)
20002450 
Shut-off valve Ex m version
(can be flanged to supply module of Type 8650 REV2, for applications requiring shut-off of
supply air)
o. r.
(Example)
Pressure sensor
774891 
Pressure switch (with changer)
772515 
Pressure switch (with normally open contact)
780496 
o. r. = on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com