Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82114-R-A1 Datasheet(PDF) 2 Page - EPCOS

Part # B82114-R-A1
Description  VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82114-R-A1 Datasheet(HTML) 2 Page - EPCOS

  B82114-R-A1 Datasheet HTML 1Page - EPCOS B82114-R-A1 Datasheet HTML 2Page - EPCOS B82114-R-A1 Datasheet HTML 3Page - EPCOS B82114-R-A1 Datasheet HTML 4Page - EPCOS B82114-R-A1 Datasheet HTML 5Page - EPCOS B82114-R-A1 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
204 04/00
Characteristics and ordering codes
For further technical data see page 194
Impedance |
Z |
versus frequency
f
(typical values)
B82500-C-
IR
A
LR
µH
fres
MHz
Rtyp
Approx.
weight
g
Ordering code
0,2
3900
1,8
20
7
B82500-C-A2
0,5
820
3,0
2,5
7
B82500-C-A5
1,0
330
4,2
0,6
7
B82500-C-A8
2,0
120
5,8
0,15
7
B82500-C-A10
B82500
VHF Chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com