Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82114-R-C1 Datasheet(PDF) 3 Page - EPCOS

Part # B82114-R-C1
Description  VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82114-R-C1 Datasheet(HTML) 3 Page - EPCOS

  B82114-R-C1 Datasheet HTML 1Page - EPCOS B82114-R-C1 Datasheet HTML 2Page - EPCOS B82114-R-C1 Datasheet HTML 3Page - EPCOS B82114-R-C1 Datasheet HTML 4Page - EPCOS B82114-R-C1 Datasheet HTML 5Page - EPCOS B82114-R-C1 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
205 04/00
VHF chokes for power line applications
Rated voltage 500 V dc/ac1)
Rated current max. 1 A
Construction
s
Round 6-aperture ferrite core
s
With or without insulating sleeve
Features
s
The selected core material provides
maximum impedance in the relevant
frequency range of 50 to 200 MHz
s
An insulating sleeve prevents
any turn-to-turn short circuits
Applications
s
Broadband interference suppression in
electrical systems and equipment in the
RF and VHF range
s
Reduction of radiated interference in
broadcasting and TV receivers
Delivery mode
Bulk
Dimensional drawing
Type B82114-R-A … (without insulating sleeve)
Type B82114-R-C … (with insulating sleeve)
1) 500 Vac only with insulating sleeve
∗) Insulating sleeve
Tinned leads,
wire diameter 0,5 + 0,15 mm
B82114
VHF Chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com