Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADR
Description  SNx4LVC00A Quadruple 2-Input Positive-NAND Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00ADR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC00ADR Datasheet HTML 3Page - Texas Instruments SN74LVC00ADR Datasheet HTML 4Page - Texas Instruments SN74LVC00ADR Datasheet HTML 5Page - Texas Instruments SN74LVC00ADR Datasheet HTML 6Page - Texas Instruments SN74LVC00ADR Datasheet HTML 7Page - Texas Instruments SN74LVC00ADR Datasheet HTML 8Page - Texas Instruments SN74LVC00ADR Datasheet HTML 9Page - Texas Instruments SN74LVC00ADR Datasheet HTML 10Page - Texas Instruments SN74LVC00ADR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
5.9 Switching Characteristics, SN74LVC00A
over recommended operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
SN74LVC00A
UNIT
TA = 25°C
–40°C to +85°C
–40°C to +125°C
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
1.8 V ± 0.15 V
1
6
12
1
12.5
1
14
ns
2.5 V ± 0.2 V
1
4.6
5.9
1
6.4
1
7.9
2.7 V
1
4.3
4.9
1
5.1
1
6.5
3.3 V ± 0.3 V
1
3.5
4.1
1
4.3
1
5.5
tsk(o)
3.3 V ± 0.3 V
1
1.5
ns
5.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance per gate
f = 10 MHz
1.8 V
18
pF
2.5 V
18
3.3 V
19
5.11 Typical Characteristics
0
1
2
3
4
5
6
7
8
1.5
2.0
2.5
3.0
3.5
4.0
V
CC Input (V)
TPD
C001
Figure 5-1. TPD vs VCC (TA = 25°C)
www.ti.com
SN54LVC00A, SN74LVC00A
SCAS279S – JANUARY 1993 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN54LVC00A SN74LVC00A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com