Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82131 Datasheet(PDF) 4 Page - EPCOS

Part # B82131
Description  VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82131 Datasheet(HTML) 4 Page - EPCOS

  B82131 Datasheet HTML 1Page - EPCOS B82131 Datasheet HTML 2Page - EPCOS B82131 Datasheet HTML 3Page - EPCOS B82131 Datasheet HTML 4Page - EPCOS B82131 Datasheet HTML 5Page - EPCOS B82131 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
206 04/00
Technical data
Characteristics and ordering codes
Impedance |
Z |
versus frequency
f (typical values)
Iv: dc magnetic bias
B82114-R-
Test voltage
2500 Vac, 1 min (only with insulation)
Rated current
max. 1 A
Climatic category
In accordance with IEC 60068-1
B82114-R-A: 55/120/21 (– 55
°C/+120 °C/21 days damp heat test)
B82114-R-C: 55/125/56 (– 55
°C/+125 °C/56 days damp heat test)
fres
MHz
|
Z |
at
fres
Ω
Color code Number
of turns
Gewicht
ca.
g
Version
Ordering code
60
900
brown
2,5
1,3
non-insulated
B82114-R-A4
insulated
B82114-R-C4
100
800
green
2,5
1,3
non-insulated
B82114-R-A1
insulated
B82114-R-C1
SSB0557-Z
10
f
2
kHz
Ω
Z
||
1
10
(
(
-A1/-C1
-A4/-C4
3
10
4
10
5
10
6
10
Ι
v = 250 mA)
= 50 mA)
v
Ι
10 2
10 3
B82114
VHF Chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com