Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES043W Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES043W
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES043W Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES043W Datasheet HTML 1Page - Balluff Korea Ltd. BES043W Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES 515-327-SA22-D-TF-02
Order Code: BES043W
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 213264
ETIM 6.0: EC002714
BES043W_0.62_2023-12-20
1 / 2
Basic features
Approval/Conformity
CE
WEEE
Electrical connection
Cable diameter D
3.70 mm
Cable length L
2 m
Conductor cross-section
0.34 mm²
Connection type
Cable, 2.00 m, PTFE
Number of conductors
3
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
No-load current Io max., damped
7 mA
No-load current Io max., undamped
7 mA
Operating voltage Ub
10...30 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
200 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
160 ms
Residual current Ir max.
20 µA
Ripple max. (% of Ue)
10 %
Switching frequency
200 Hz
Voltage drop static max.
2.5 V
Environmental conditions
Ambient temperature
-25...160 °C
IP rating
IP68
Functional safety
MTTF (40 °C)
1900 a
Interface
Switching output
PNP normally open (NO)
Material
Housing material
Stainless steel
Material jacket
PTFE, FEP
Material sensing surface
PEEK
Mechanical data
Dimension
Ø 30 x 100 mm
Installation
for flush mounting
Size
M30x1.5
Tightening torque
25 Nm
Range/Distance
Assured operating distance Sa
8.1 mm
Hysteresis H max. (% of Sr)
10.0 %
Rated operating distance Sn
10 mm
Real switching distance sr
10 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
15 %
Tolerance Sr
±10 %


Similar Part No. - BES043W

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0432 BALLUFF-BES0432 Datasheet
101Kb / 2P
Inductive Sensors
2023-12-20
BES0433 BALLUFF-BES0433 Datasheet
101Kb / 2P
Inductive Sensors
2023-12-20
BES0434 BALLUFF-BES0434 Datasheet
101Kb / 2P
Inductive Sensors
2023-12-20
BES0437 BALLUFF-BES0437 Datasheet
101Kb / 2P
Inductive Sensors
2024-02-26
BES0438 BALLUFF-BES0438 Datasheet
101Kb / 2P
Inductive Sensors
2023-12-20
More results

Similar Description - BES043W

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com