Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC02A Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02A
Description  SN74LVC02A-Q1 Automotive Quadruple 2-Input Positive-NOR Gate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC02A Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74LVC02A Datasheet HTML 12Page - Texas Instruments SN74LVC02A Datasheet HTML 13Page - Texas Instruments SN74LVC02A Datasheet HTML 14Page - Texas Instruments SN74LVC02A Datasheet HTML 15Page - Texas Instruments SN74LVC02A Datasheet HTML 16Page - Texas Instruments SN74LVC02A Datasheet HTML 17Page - Texas Instruments SN74LVC02A Datasheet HTML 18Page - Texas Instruments SN74LVC02A Datasheet HTML 19Page - Texas Instruments SN74LVC02A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
10X (0.5)
(0.5)
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
14X (0.6)
14X (0.25)
(2.3)
(2.8)
(1.5)
(1)
(
0.2) TYP
VIA
WQFN - 0.8 mm max height
BQA0014B
PLASTIC QUAD FLATPACK - NO LEAD
4227062/B 09/2021
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
SEE SOLDER MASK
DETAIL
2
6
7
8
9
13
14
1
15
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com