Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB10 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMB10
Description  PNP resistor-equipped double transistor R1 = 2.2 kohm, R2 = 47 kohm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB10 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMB10 Datasheet HTML 1Page - NXP Semiconductors PEMB10 Datasheet HTML 2Page - NXP Semiconductors PEMB10 Datasheet HTML 3Page - NXP Semiconductors PEMB10 Datasheet HTML 4Page - NXP Semiconductors PEMB10 Datasheet HTML 5Page - NXP Semiconductors PEMB10 Datasheet HTML 6Page - NXP Semiconductors PEMB10 Datasheet HTML 7Page - NXP Semiconductors PEMB10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Sep 14
4
Philips Semiconductors
Preliminary specification
PNP resistor-equipped double transistor
R1 = 2.2 k
Ω,R2=47kΩ
PEMB10
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor
ICBO
collector cut-off current
IE = 0; VCB = −50 V
−−−100
nA
ICEO
collector cut-off current
IB = 0; VCE = −50 V
−−−1
µA
IB = 0; VCE = −30 V; Tj = 150 °C
−−−50
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−180
µA
hFE
DC current gain
IC = −10 mA; VCE = −5 V
100
−−
VCEsat
collector-emitter saturation voltage
IC = −5 mA; IB = −0.25 mA
−−−100
mV
Vi(off)
input-off voltage
IC = −100 µA; VCE = −5V
−−0.6
−0.5
V
Vi(on)
input-on voltage
IC = −5 mA; VCE = −0.3 V
−1.1
−0.75 −
V
R1
input resistor
1.54
2.2
2.86
k
Ω
resistor ratio
17
21
26
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−−
3pF
R2
R1
-------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com