Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002D3 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # 2N7002D3
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

2N7002D3 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  2N7002D3 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 2N7002D3 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 2N7002D3 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . 2N7002D3 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Electrical Characteristics (TAmbient=25ºC unless noted otherwise)
Symbol
Parameters
Conditions
Min.
Typ.
Max. Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0 V, ID=250μA
60
Volt
IDSS
Zero Gate Voltage Drain Current
VDS=60V, VGS=0V
1
μA
IGSS
Gate-Body Leakage Current
VGS=±20V, VDS=0V
±10
μA
On Characteristics(Note 3)
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
0.8
1.3
2.0
Volt
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=500mA
1.6
2.3
Ω
VGS=4.5V, ID=200mA
2.0
2.7
Ω
Dynamic Characteristics(Note 4)
Ciss
Input Capacitance
VDD=25V, VGS=0V ,
F=1MHz
11
pF
Coss
Output Capacitance
8.5
pF
Crss
Reverse Transfer Capacitance
2.0
pF
Switching Characteristics(Note 4)
td(on)
Turn-on Delay Time
VDD=30V, ID=0.2A
VGS=10V, RGEN=10Ω
5
nS
tr
Turn-on Rise Time
13.7
nS
td(off)
Turn-Off Delay Time
10
nS
tf
Turn-Off Fall Time
13.5
nS
Qg
Total Gate Charge
VDS=30V, ID=0.3A,
VGS=10V
0.7
nC
Qgs
Gate-Source Charge
2
nC
Qgd
Gate-Drain Charge
0.2
nC
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Surface mounted on FR4 Board, t≤10 sec
3. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
4. Guaranteed by design, not subject to production
2N7002D3
N-Channel Enhancement MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com