Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65807-J-R57 Datasheet(PDF) 3 Page - EPCOS

Part # B65807-J-R57
Description  RM cores are supplied in sets
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807-J-R57 Datasheet(HTML) 3 Page - EPCOS

  B65807-J-R57 Datasheet HTML 1Page - EPCOS B65807-J-R57 Datasheet HTML 2Page - EPCOS B65807-J-R57 Datasheet HTML 3Page - EPCOS B65807-J-R57 Datasheet HTML 4Page - EPCOS B65807-J-R57 Datasheet HTML 5Page - EPCOS B65807-J-R57 Datasheet HTML 6Page - EPCOS B65807-J-R57 Datasheet HTML 7Page - EPCOS B65807-J-R57 Datasheet HTML 8Page - EPCOS B65807-J-R57 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
204 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-C with center hole
-J w/o center hole
N26
2200 + 30/– 20 % 1500
B65807-C-R26
N30
4300 + 30/– 20 % 2670
B65807-J-R30
T571)
3500 + 30/– 20 % 2180
B65807-J-R57
T38
8600 + 40/– 30 % 5340
B65807-J-Y38
T42
12300 + 40/– 30 % 7630
B65807-J-Y42
N49
1700 + 30/– 20 % 1060
960
< 0,15
(50 mT, 500 kHz, 100
°C)
B65807-J-R49
N87
2400 + 30/– 20 % 1490 1450
< 0,51
(200 mT, 100 kHz, 100
°C)
B65807-J-R87
N971)
2400 + 30/– 20 % 1490 1450
< 0,39
(200 mT, 100 kHz, 100
°C)
B65807-J-R97
N41
3100 + 30/– 20 % 1920 1450
< 0,16
(200 mT, 25 kHz, 100
°C)
B65807-J-R41
1) Preliminary data
B65807
Core
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com