Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101AILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC101AILT
Description  High side current sense amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101AILT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC101AILT Datasheet HTML 2Page - STMicroelectronics TSC101AILT Datasheet HTML 3Page - STMicroelectronics TSC101AILT Datasheet HTML 4Page - STMicroelectronics TSC101AILT Datasheet HTML 5Page - STMicroelectronics TSC101AILT Datasheet HTML 6Page - STMicroelectronics TSC101AILT Datasheet HTML 7Page - STMicroelectronics TSC101AILT Datasheet HTML 8Page - STMicroelectronics TSC101AILT Datasheet HTML 9Page - STMicroelectronics TSC101AILT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
TSC101
6/18
Table 6.
Output
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Av
Gain
TSC101A
TSC101B
TSC101C
20
50
100
V/V
ΔAv
Gain accuracy
Tamb=25°C
Tmin < Tamb < Tmax
±3
±5
%
ΔVout/ΔT Output voltage drift vs. T(1)
Tmin < Tamb < Tmax
-600
-300
0
µV/°C
ΔVout/ΔIout Output stage load regulation
-10mA < Iout <1 0mA
Iout sink or source current
2tbd
mV/mA
ΔVout
Total output voltage accuracy(2)
Vsense=10mV Tamb=25° C
Tmin < Tamb < Tmax
tbd
tbd
%
ΔVout
Total output voltage accuracy
Vsense=20mV Tamb=25° C
Tmin < Tamb < Tmax
tbd
tbd
%
ΔVout
Total output voltage accuracy
Vsense=50mV Tamb=25° C
Tmin < Tamb < Tmax
tbd
tbd
%
ΔVout
Total output voltage accuracy
Vsense=100mV Tamb=25° C
Tmin < Tamb < Tmax
tbd
tbd
%
Isc
Short-circuit current
OUT connected to VCC or
GND
15
40
mA
VOH
Output stage high-state saturation
voltage
VOH=VCC-Vout
Vsense=1V
Iout=1mA
0.8
1
V
VOL
Output stage low-state saturation
voltage
Vsense=-1V
Iout=1mA
50
100
mV
1.
See Section 4: Parameter definitions on page 8 for the definition of output voltage drift versus temperature.
2.
Output voltage accuracy is the difference with the expected theoretical output voltage Vout-th=Av*Vsense. See Section 4:
Parameter definitions on page 8 for a more detailed definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com