Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65807-J-R49 Datasheet(PDF) 11 Page - EPCOS

Part # B65807-J-R49
Description  RM cores are supplied in sets
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807-J-R49 Datasheet(HTML) 11 Page - EPCOS

Back Button B65807-J-R49 Datasheet HTML 5Page - EPCOS B65807-J-R49 Datasheet HTML 6Page - EPCOS B65807-J-R49 Datasheet HTML 7Page - EPCOS B65807-J-R49 Datasheet HTML 8Page - EPCOS B65807-J-R49 Datasheet HTML 9Page - EPCOS B65807-J-R49 Datasheet HTML 10Page - EPCOS B65807-J-R49 Datasheet HTML 11Page - EPCOS B65807-J-R49 Datasheet HTML 12Page - EPCOS B65807-J-R49 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
212 08/01
SMD coil former with J terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350
°C, 1 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400
°C,1 s
Winding:
see “Processing Notes”, page 160
Clamp
G Without ground terminal, made of stainless spring steel, 0,435 mm thick
G Also available as strip clamp (each carton containing 2 reels) on request
Coil former
Clamp
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
16,2
31
66
8
B65821-J1008-T1
Clamp
(ordering code per piece, 2 are required)
B65808-J2204
FRM0239-Y
8,4+0,2
11,1+0,2
1
2
3
4
5
6
7
8
Leiterplattenlayout
Empfehlung für das
2,5
19
0,1
ø7,45 _
0,2
21,4 _
0,2
16,7 _
Recommended
PCB layout
B65821
B65808
Accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com