Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65807-J-R87 Datasheet(PDF) 4 Page - EPCOS

Part # B65807-J-R87
Description  RM cores are supplied in sets
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807-J-R87 Datasheet(HTML) 4 Page - EPCOS

  B65807-J-R87 Datasheet HTML 1Page - EPCOS B65807-J-R87 Datasheet HTML 2Page - EPCOS B65807-J-R87 Datasheet HTML 3Page - EPCOS B65807-J-R87 Datasheet HTML 4Page - EPCOS B65807-J-R87 Datasheet HTML 5Page - EPCOS B65807-J-R87 Datasheet HTML 6Page - EPCOS B65807-J-R87 Datasheet HTML 7Page - EPCOS B65807-J-R87 Datasheet HTML 8Page - EPCOS B65807-J-R87 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
205 08/01
Coil former, squared pins
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
H
max. operating temperature 180
°C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
Winding:
see “Processing Notes”, page 153
For matching clamp and insulating washers see page 210.
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
15
30
69
4
B65808-N1004-D1
5
B65808-N1005-D1
6
B65808-N1006-D1
6
B65808-W1006-D1
2
14
30
73
5
B65808-N1005-D2
6
B65808-N1006-D2
FRM0267-4
0,45 max.
6,5+0,15
Erdungspunkte ø1,3+0,1
6
1
2
5
3
6
2
5
3
ø1+0,1
0,7±0,05
ø1,25
0,1
ø7,45 _
_
ø12,3 0,2
ø1+0,1
10
50
_
Ansicht in Montagerichtung
Lochgruppen
4
4 Stifte
5 und 6 Stifte
Ground Ø 1,3+0,1
Pin 4 is omitted
in 5-pin version
Hole arrangement
View in mounting direction
4 pins
5 + 6 pins
B65808
Accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com