Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65807-J-R97 Datasheet(PDF) 2 Page - EPCOS

Part # B65807-J-R97
Description  RM cores are supplied in sets
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807-J-R97 Datasheet(HTML) 2 Page - EPCOS

  B65807-J-R97 Datasheet HTML 1Page - EPCOS B65807-J-R97 Datasheet HTML 2Page - EPCOS B65807-J-R97 Datasheet HTML 3Page - EPCOS B65807-J-R97 Datasheet HTML 4Page - EPCOS B65807-J-R97 Datasheet HTML 5Page - EPCOS B65807-J-R97 Datasheet HTML 6Page - EPCOS B65807-J-R97 Datasheet HTML 7Page - EPCOS B65807-J-R97 Datasheet HTML 8Page - EPCOS B65807-J-R97 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
203 08/01
I In accordance with IEC 60431
I Core without center hole
for transformer applications
I RM cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,86
26,9
31,3
—
840
0,78
28,6
36,6
31
1 050
mm–1
mm
mm2
mm2
mm3
m
4,9
5,3
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code1)
-J without center hole
-N with threaded sleeve
-C with center hole
K1
40
± 3 %
0,80
27,4
B65807-+40-A1
M33
63
± 3 %
0,60
43,2
B65807-+63-A33
100
± 3 %
0,38
68,5
B65807-+100-A33
N48
160
± 3 %
0,22
110
B65807-+160-A48
250
± 3 %
0,12
171
B65807-+250-A48
315
± 3 %
0,08
216
B65807-+315-A48
400
± 3 %
0,05
274
B65807-+400-A48
N41
250
± 3 %
0,17
155
B65807-J250-A41
1) Replace the + by the code letter “C” or “N” for the required version. Standard version is “C”.
B65807
Core
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com