Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101AIYLT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSC101AIYLT
Description  High side current sense amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101AIYLT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSC101AIYLT Datasheet HTML 10Page - STMicroelectronics TSC101AIYLT Datasheet HTML 11Page - STMicroelectronics TSC101AIYLT Datasheet HTML 12Page - STMicroelectronics TSC101AIYLT Datasheet HTML 13Page - STMicroelectronics TSC101AIYLT Datasheet HTML 14Page - STMicroelectronics TSC101AIYLT Datasheet HTML 15Page - STMicroelectronics TSC101AIYLT Datasheet HTML 16Page - STMicroelectronics TSC101AIYLT Datasheet HTML 17Page - STMicroelectronics TSC101AIYLT Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application information
TSC101
14/18
Because the voltage across the Rg3 resistor is buffered to the Out pin, Vout can be
expressed as:
Vout=(Rg3/Rg1).Vsense
or
Vout=(Rg3/Rg1).Rsense.Iload
The resistor ratio Rg3/Rg1 is internally set to 20V/V for TSC101A, to 50V/V for TSC101B and
to 100V/V for TSC101C.
Because they define the full scale output range of your application, the Rsense resistor and
the Rg3/Rg1 resistor ratio (equal to Av) are important parameters, and therefore must be
selected carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com