Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV991 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV991
Description  Rail-to-rail input/output 20MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV991 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV991 Datasheet HTML 8Page - STMicroelectronics TSV991 Datasheet HTML 9Page - STMicroelectronics TSV991 Datasheet HTML 10Page - STMicroelectronics TSV991 Datasheet HTML 11Page - STMicroelectronics TSV991 Datasheet HTML 12Page - STMicroelectronics TSV991 Datasheet HTML 13Page - STMicroelectronics TSV991 Datasheet HTML 14Page - STMicroelectronics TSV991 Datasheet HTML 15Page - STMicroelectronics TSV991 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Package information
TSV991-TSV992-TSV994
12/18
Figure 15.
MiniSO-8 package
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.1
0.043
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
0.78
0.86
0.94
0.031
0.034
0.037
b
0.25
0.33
0.40
0.010
0.013
0.016
c
0.13
0.18
0.23
0.005
0.007
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
E
4.75
4.90
5.05
0.187
0.193
0.199
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
0.65
0.026
K
0°6°
0°6°
L
0.40
0.55
0.70
0.016
0.022
0.028
L1
0.10
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com