Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41303 Datasheet(PDF) 13 Page - EPCOS

Part # B41303
Description  Snap-In Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41303 Datasheet(HTML) 13 Page - EPCOS

Back Button B41303 Datasheet HTML 6Page - EPCOS B41303 Datasheet HTML 7Page - EPCOS B41303 Datasheet HTML 8Page - EPCOS B41303 Datasheet HTML 9Page - EPCOS B41303 Datasheet HTML 10Page - EPCOS B41303 Datasheet HTML 11Page - EPCOS B41303 Datasheet HTML 12Page - EPCOS B41303 Datasheet HTML 13Page - EPCOS B41303 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
222 10/02
Standard – 85 °C
B41303 / B43303
Impedance
Z
versus frequency
f
Typical behavior at 20 °C
UR ≤ 100 VDC
Impedance
Z
versus frequency
f at different temperatures T
for 100
µF/400 VDC
Typical behavior
KAL0153-G
Z
f
_3
10
B41303
10000 µF/40 V
1000 µF/100 V
2
10
1
10
10
10 4
3
10
7
Hz 10
10
56
0
10
4
4
10 1
10
Ω
2
10
_2
4
4
_1
10
KAL0325-N
10 2
10 13
10
4
10
5
10
6
10
Hz
4
10
_2
10
_1
4
Z
1
10 0
4
10
4
2
10
10
Ω
3
f
_40 ˚C
25 ˚C
_
0 ˚C
20 ˚C
85 ˚C
B43303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com