Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1105RGTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105RGTR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105RGTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1105RGTR Datasheet HTML 3Page - Texas Instruments TUSB1105RGTR Datasheet HTML 4Page - Texas Instruments TUSB1105RGTR Datasheet HTML 5Page - Texas Instruments TUSB1105RGTR Datasheet HTML 6Page - Texas Instruments TUSB1105RGTR Datasheet HTML 7Page - Texas Instruments TUSB1105RGTR Datasheet HTML 8Page - Texas Instruments TUSB1105RGTR Datasheet HTML 9Page - Texas Instruments TUSB1105RGTR Datasheet HTML 10Page - Texas Instruments TUSB1105RGTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
Power-Supply Input Options
Electrostatic Discharge (ESD)
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
The TUSB1105 and TUSB1106 have two power-supply input options.
• Internal regulator – V
CC(5.0) is connected to 4 V to 5.5 V. The internal regulator is used to supply the internal
circuitry with 3.3 V (nominal). Vreg(3.3) becomes a 3.3-V output reference.
• Regulator bypass – V
CC(5.0) and Vreg(3.3) are connected to the same supply. The internal regulator is bypassed
and the internal circuitry is supplied directly from the Vreg(3.3) power supply. The voltage range is
3 V to 3.6 V to comply with the USB specification.
The supply-voltage range for each input option is specified in Table 3.
Table 3. Power-Supply Input Options
INPUT OPTION
VCC(5.0)
VREG(3.3)
VCC(I/O)
Supply input for internal regulator
Voltage-reference output
Supply input for digital I/O pins
Internal regulator
(4 V to 5.5 V)
(3.3 V, 300
µA)
(1.65 V to 3.6 V)
Connected to Vreg(3.3) with
Supply input
Supply input for digital I/O pins
Regulator bypass
maximum voltage drop of 0.3 V
(3 V to 3.6 V)
(1.65 V to 3.6 V)
(2.7 V to 3.6 V)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Human-Body Model
±15
D+, D–, VCC(5.0), and GND
kV
IEC61000-4-2, Contact Discharge
±8
All other pins
Human-Body Model
7
kV
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC(5.0)
Supply-voltage range
–0.5
6
V
VI(I/O)
Supply-voltage range
–0.5
4.6
V
VCCreg(3.3)
Regulated voltage range
–0.5
4.6
V
VI
DC input voltage
–0.5
VCC(I/O) + 0.5
V
IIK
Input clamp current
VI = –1.8 V to 5.4 V
100
mA
Tstg
Storage temperature range
–40
125
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VCC(5.0)
Supply voltage, internal regulator option
5-V operation
4
5
5.5
V
VCCreg(3.3)
Supply voltage, regulator bypass option
3.3-V operation
3
3.3
3.6
V
VCC(I/O)
I/O supply voltage
1.65
3.6
V
VI
I/O supply voltage
0
VCC(I/O)
V
VI/O
Input voltage on analog I/O pins (D+, D–)
0
3.6
V
Tc
Junction temperature
–40
85
°C
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com