Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65819 Datasheet(PDF) 2 Page - EPCOS

Part # B65819
Description  RM cores are supplied in sets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65819 Datasheet(HTML) 2 Page - EPCOS

  B65819 Datasheet HTML 1Page - EPCOS B65819 Datasheet HTML 2Page - EPCOS B65819 Datasheet HTML 3Page - EPCOS B65819 Datasheet HTML 4Page - EPCOS B65819 Datasheet HTML 5Page - EPCOS B65819 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
217 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-J w/o center hole
N30
5000 + 30/– 20 % 2780
B65819-J-R30
T38
10000 +40/– 30 % 5570
B65819-J-Y38
N49
1900 + 30/– 20 % 1070
1070
< 0,22
(50 mT, 500 kHz, 100
°C)
B65819-J-R49
N87
2700 + 30/– 20 % 1510
1600
< 0,77
(200 mT, 100 kHz, 100
°C)
B65819-J-R87
N971)
2700 + 30/– 20 % 1510
1600
< 0,58
(200 mT, 100 kHz, 100
°C)
B65819-J-R97
1) Preliminary data
B65819
Core
RM 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com